Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA05553 Datasheet (PDF) - Golledge Electronics Ltd

MA05553 Datasheet PDF - Golledge Electronics Ltd
Part # MA05553
Download  MA05553 Download
File Size   150.35 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 315MHz

MA05553 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA05553 Datasheet PDF - Golledge Electronics Ltd

Part # MA05553
Download  MA05553 Click to download

File Size   150.35 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description SAW Filter 315MHz

MA05553 Datasheet (HTML) - Golledge Electronics Ltd


MA05553 Product details

MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 12V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C




Similar Part No. - MA05553

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05554 GOLLEDGE-MA05554 Datasheet
266Kb / 5P
SAW Filter 1150.0MHz
MA05555 GOLLEDGE-MA05555 Datasheet
102Kb / 4P
IF SAW Filter 70MHz High Attenuation
MA05557 GOLLEDGE-MA05557 Datasheet
79Kb / 4P
433.920 MHz SAW Resonator
More results


Similar Description - MA05553

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0209A TAI-SAW-TA0209A Datasheet
476Kb / 5P
SAW Filter 315MHz SMD5X5mm
TA0234A TAI-SAW-TA0234A Datasheet
240Kb / 4P
SAW Filter 315MHz TO39
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
SAW Filter 315MHz SMD3.8X3.8mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
SAW Filter 315MHz SMD3.8X3.8mm
TA0657A TAI-SAW-TA0657A Datasheet
304Kb / 6P
SAW Filter 315MHz SMD 3.0횞3.0mm
TA0672A TAI-SAW-TA0672A Datasheet
365Kb / 6P
SAW Filter 315MHz SMD 3.8횞3.8mm
TA0705A TAI-SAW-TA0705A Datasheet
349Kb / 6P
SAW Filter 315MHz SMD 3.8횞3.8mm
TA0579A TAI-SAW-TA0579A Datasheet
285Kb / 7P
SAW Filter 315MHz
TA1794A TAI-SAW-TA1794A Datasheet
302Kb / 7P
SAW Filter 315MHz
logo
Golledge Electronics Lt...
MA06217 GOLLEDGE-MA06217 Datasheet
286Kb / 4P
SAW Filter 315MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com