Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1212-01 Datasheet (PDF) - OKI electronic componets

MSC1212-01 Datasheet PDF - OKI electronic componets
Part # MSC1212-01
Download  MSC1212-01 Download
File Size   99.59 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 48-Bit Grid/Anode Driver

MSC1212-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1212-01 Datasheet PDF - OKI electronic componets

Part # MSC1212-01
Download  MSC1212-01 Click to download

File Size   99.59 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 48-Bit Grid/Anode Driver

MSC1212-01 Datasheet (HTML) - OKI electronic componets


MSC1212-01 Product details

GENERAL DESCRIPTION
The MSC1212-01 is a driver IC for VFD implemented in BiCMOS technology. The circuit consists of a 48-bit shift register and a 48-bit latch; they control display data, which is output from the display drivers.
Since a 64-pin plastic QFP package is used, the display unit size can be reduced.

FEATURES
• Logic supply voltage (VCC) : 4.5 to 5.5 V
• Driver supply voltage (VDISP) : 8 to 18 V
• Operating temperature range : –40 to +105°C
• Driver output current : IO2-1 = –6 mA (for only one driver on state)
                                      IO2-2 = –50 mA (total current for all drivers on state)
                                      IO2-3 = 0.2 mA
• Built-in 48-bit output Driver (with latch)
• Built-in 48-bit shift register
• Clock frequency : 0.5 MHz
• Package:
    64-pin plastic QFP (QFP64-P-1414-0.80-BK) (Product name: MSC1212-01GS-BK)




Similar Part No. - MSC1212-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1212 TI1-MSC1212 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
MSC1212 TI1-MSC1212 Datasheet
1Mb / 109P
Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1212 TI2-MSC1212 Datasheet
1Mb / 110P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) ‘with 8051 Microcontroller and Flash Memory
REVISED OCTOBER 2007
MSC1212Y2 TI-MSC1212Y2 Datasheet
920Kb / 105P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
More results


Similar Description - MSC1212-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9261 OKI-ML9261 Datasheet
160Kb / 17P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1162A OKI-MSC1162A Datasheet
110Kb / 14P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
MSC1163 OKI-MSC1163 Datasheet
109Kb / 13P
40-Bit Anode Driver
MSC1164 OKI-MSC1164 Datasheet
120Kb / 13P
20-Bit Grid/Anode Driver
MSC7171 OKI-MSC7171 Datasheet
81Kb / 7P
12-Bit Grid Driver
ML9261A OKI-ML9261A Datasheet
134Kb / 16P
60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
logo
List of Unclassifed Man...
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
ML9271 ETC2-ML9271 Datasheet
281Kb / 16P
48-Bit Grid/Anode VFD Driver
ML9272 ETC2-ML9272 Datasheet
175Kb / 15P
40-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com