Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1553CV Datasheet (PDF) - Analog Intergrations Corporation

AIC1553CV Datasheet PDF - Analog Intergrations Corporation
Part # AIC1553CV
Download  AIC1553CV Download
File Size   391.01 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Compact 500KHz PWM/PFM, Step-Down DC/DC Converters

AIC1553CV Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1553CV Datasheet PDF - Analog Intergrations Corporation

Part # AIC1553CV
Download  AIC1553CV Click to download

File Size   391.01 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Compact 500KHz PWM/PFM, Step-Down DC/DC Converters

AIC1553CV Datasheet (HTML) - Analog Intergrations Corporation


AIC1553CV Product details

DESCRIPTION
The AIC1553 is a step-down, current mode, DC/DC converter. It operates from 2.5V to 5.5V input voltage range and switches at 500KHz, allowing the use of tiny, low cost capacitors and inductors. The output voltage is adjustable from 0.75V to 5V. A built-in 0.6Ω switch allows up to 0.5A of output current at high efficiency.

FEATURES
• Tiny 5-Lead SOT-23 package
• Uses Tiny Capacitors and Inductor
• High Frequency Operation: 500KHz
• High Output Current: 500mA
• Low RDS(ON) Internal Switch: 0.6Ω
• High Efficiency: Up to 90%
• Current Mode Operation for Excellent Line and Load Transient Response
• Short-Circuit Protected
• Low Quiescent Current: 22µA
• Low Dropout Operation: 100% Duty Cycle
• Ultralow Shutdown Current: IQ < 1µA
• Peak Inductor Current Independent of Inductor Value
• Low Output Voltages: Down to 0.75V

APPLICATIONS
• Cellular Phones.
• PDAs and Handy-Terminals.
• CPU I/O Supplies.
• Cordless Phones.
• Notebook Chipset Supplies.
• Handheld Equipment




Similar Part No. - AIC1553CV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1550 AIC-AIC1550 Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550COTB AIC-AIC1550COTB Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550COTR AIC-AIC1550COTR Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550CPTB AIC-AIC1550CPTB Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1550CPTR AIC-AIC1550CPTR Datasheet
956Kb / 15P
Low-Noise Synchronous PWM Step-Down DC/DC Converter
More results


Similar Description - AIC1553CV

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2002
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Diodes Incorporated
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com