Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34119 Datasheet (PDF) - Unisonic Technologies

MC34119 Datasheet PDF - Unisonic Technologies
Part # MC34119
Download  MC34119 Download
File Size   230.34 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW POWER AUDIO AMPLIFIER

MC34119 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC34119 Datasheet PDF - Unisonic Technologies

Part # MC34119
Download  MC34119 Click to download

File Size   230.34 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW POWER AUDIO AMPLIFIER

MC34119 Datasheet (HTML) - Unisonic Technologies


MC34119 Product details

DESCRIPTION
The UTC MC34119 is a low power audio amplifier integrated circuit, intended for the telephone applications, such as in speakerphones. It provides differential speaker outputs to maximize output swing at low supply voltages. Coupling capacitor to the speaker is not required. Open loop gain is 80dB, and the closed loop gain is set with two external resistors. A chips disable pin permits powering down and/or muting the input signal.

FEATURES
* Wide operating supply voltage: Vcc=2V~16V
* Low quiescent supply current( Icc=2.7mA, typ)
* Medium output power( Po=250mW at Vcc=6V,
   RL=32ohm, THD=10%)
* Load impedance range(8 to 100ohm)
* Low distortion
* Mute function(Icc=65mA, typ)
* Minimum number of external parts required




Similar Part No. - MC34119

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34119 FREESCALE-MC34119 Datasheet
486Kb / 17P
Low Power Audio Amplifier
logo
Unisonic Technologies
MC34119 UTC-MC34119 Datasheet
247Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Freescale Semiconductor...
MC34119 FREESCALE-MC34119 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
MC34119 ARTSCHIP-MC34119 Datasheet
406Kb / 11P
Low Power Audio Amplifier
logo
Unisonic Technologies
MC34119 UTC-MC34119 Datasheet
295Kb / 8P
LOW POWER AUDIO AMPLIFIER
More results


Similar Description - MC34119

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34119 UTC-UTCMC34119 Datasheet
86Kb / 4P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119 Datasheet
492Kb / 11P
Low Power Audio Amplifier
logo
Wuxi Youda electronics ...
YD8602 YOUDA-YD8602 Datasheet
80Kb / 5P
LOW POWER AUDIO AMPLIFIER
logo
List of Unclassifed Man...
GP34119 ETC2-GP34119 Datasheet
551Kb / 8P
LOW POWER AUDIO AMPLIFIER
logo
Taiwan Semiconductor Co...
TS34119 TSC-TS34119_07 Datasheet
744Kb / 13P
Low Power Audio Amplifier
logo
SeCoS Halbleitertechnol...
SPW34119D SECOS-SPW34119D Datasheet
1Mb / 9P
Low Power Audio Amplifier
SSGSC34119 SECOS-SSGSC34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
logo
Freescale Semiconductor...
MC34119P FREESCALE-MC34119P Datasheet
271Kb / 12P
Low Power Audio Amplifier
MC34119DTBR2 FREESCALE-MC34119DTBR2 Datasheet
271Kb / 12P
LOW POWER AUDIO AMPLIFIER
logo
SeCoS Halbleitertechnol...
SGP34119 SECOS-SGP34119 Datasheet
1Mb / 9P
Low Power Audio Amplifier
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com