Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1951-01 Datasheet (PDF) - OKI electronic componets

MSC1951-01 Datasheet PDF - OKI electronic componets
Part # MSC1951-01
Download  MSC1951-01 Download
File Size   138.86 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver

MSC1951-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC1951-01 Datasheet PDF - OKI electronic componets

Part # MSC1951-01
Download  MSC1951-01 Click to download

File Size   138.86 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 7-Segment x 16-Digit or 16-Segment x 6-Bargraph display Controller/Driver

MSC1951-01 Datasheet (HTML) - OKI electronic componets


MSC1951-01 Product details

GENERAL DESCRIPTION
MSC1951-01 is a Bi-CMOS bargraph and alphanumeric display controller designed to interface with either vacuum fluorescent display.

FEATURES
• Can display up to 16 digits of 7-segment type character with comma/point or of 16-segment type bargraph.
• The number of display digits is programmable within 16.
• The brightness adjustment is programmable by 1/32 step.
• The display contents can be changed at any digit.
• Buit-in PLA can display alphanumeric characters, e.g., 0 to 9 A, C, E, F, P, L (capital letters), b, and d (small letters). In addition, 16-segment dot display and bar display are allowed.
• Instruction is executed by one byte.
• Driver output
    Current : –20 mA max. (Digit) –10 mA (Segment), Plastic DIP –05 mA (Segment), Plastic QFP
    Withstand voltage : 58 V max.
• Can be used for LED.
• Pin compatible with 10951 manufactured by Rockwell.
• Power supply voltage : 5V ± 10%
• Package options:
    40-pin plastic DIP (DIP40-P-600-2.54) (Product name : MSC1951-01RS)
    44-pin plastic QFP (QFP44-P-910-0.80-K) (Product name : MSC1951-01GS-K)




Similar Part No. - MSC1951-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
14/16-Segment x 16-Digit Display Controller/Driver
More results


Similar Description - MSC1951-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66004SP MITSUBISHI-M66004SP Datasheet
182Kb / 14P
16-DIGIT 5x7-SEGMENT VFD CONTROLLER
logo
OKI electronic componet...
MSC1937-01 OKI-MSC1937-01 Datasheet
132Kb / 16P
14/16-Segment x 16-Digit Display Controller/Driver
MSC7110-01 OKI-MSC7110-01 Datasheet
203Kb / 18P
12-Segment x 16-Digit or 16-Segment x12-Digit Display Controller/Driver
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
5 x 7-Dot Character x 16-Digit Display Controller/Driver
logo
New Japan Radio
NJU3426 NJRC-NJU3426 Datasheet
114Kb / 12P
16-SEGMENT X 15-Digit VFD CONTROLLER / DRIVER
logo
List of Unclassifed Man...
XAMR20A ETC1-XAMR20A Datasheet
170Kb / 3P
16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
Renesas Technology Corp
M66004SP RENESAS-M66004SP Datasheet
2Mb / 15P
16-DIGIT 5*7-SEGMENT VFD CONTROLLER
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LDT Co., Ltd
LD1970 LDT-LD1970 Datasheet
709Kb / 26P
16 SEGMENT X 12 GRID VFD DRIVER
logo
LUMEX INC.
SSA-LXB162G5Y4I7W LUMEX-SSA-LXB162G5Y4I7W Datasheet
71Kb / 1P
2mm X 5mm 16 SEGMENT BAR Display
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com