Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE335 Datasheet (PDF) - NTE Electronics

NTE335 Datasheet PDF - NTE Electronics
Part # NTE335
Download  NTE335 Download
File Size   59.52 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN RF Power Transistor Designed for power amplifier

NTE335 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE335 Datasheet PDF - NTE Electronics

Part # NTE335
Download  NTE335 Click to download

File Size   59.52 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon NPN RF Power Transistor Designed for power amplifier

NTE335 Datasheet (HTML) - NTE Electronics


NTE335 Product details

Description:

The NTE335 and NTE336 are silicon NPN RF power transistors designed for power amplifier applications in industrial, commercial and amateur radio equipment to 30MHz.



Features:

• Specified 12.5V, 30MHz Characteristics:

   Output Power = 80W

   Minimum Gain = 12dB

   Efficiency = 50%

• Available in Two Different Package Designs:

   NTE335 (W52N, Flange Mount)

   NTE336 (T93D, Stud Mount)



 




Similar Part No. - NTE335

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE330 NTE-NTE330 Datasheet
21Kb / 2P
Germanium PNP Transistor High Power Switch
NTE3300 NTE-NTE3300 Datasheet
19Kb / 2P
Insulated Gate Bipolar Transistor N-Channel Enhancement Mode, High Speed Switch
NTE3301 NTE-NTE3301 Datasheet
19Kb / 2P
Insulated Gate Bipolar Transistor N-Channel Enhancement Mode, High Speed Switch
NTE3302 NTE-NTE3302 Datasheet
19Kb / 2P
Insulated Gate Bipolar Transistor N-Channel Enhancement Mode, High Speed Switch
NTE3303 NTE-NTE3303 Datasheet
19Kb / 2P
Insulated Gate Bipolar Transistor N-Channel Enhancement Mode, High Speed Switch
More results


Similar Description - NTE335

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ACR3001 ASI-ACR3001 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
HFT150-28 ASI-HFT150-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRAL2023-3 ASI-MRAL2023-3 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF314A ASI-MRF314A Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF466 ASI-MRF466 Datasheet
29Kb / 1P
NPN SILICON RF POWER TRANSISTOR
PT9702B ASI-PT9702B Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
S100-28 ASI-S100-28 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
SD1019-2 ASI-SD1019-2 Datasheet
21Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV 0
SD1018-06 ASI-SD1018-06 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
HF100-28 ASI-HF100-28 Datasheet
76Kb / 2P
NPN SILICON RF POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com