Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23S2640E Datasheet (PDF) - OKI electronic componets

MSC23S2640E Datasheet PDF - OKI electronic componets
Part # MSC23S2640E
Download  MSC23S2640E Download
File Size   71.22 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):

MSC23S2640E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23S2640E Datasheet PDF - OKI electronic componets

Part # MSC23S2640E
Download  MSC23S2640E Click to download

File Size   71.22 Kbytes
Page   11 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 2,097,152 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK):

MSC23S2640E Datasheet (HTML) - OKI electronic componets


MSC23S2640E Product details

DESCRIPTION
The Oki MSC23S2640E-8BS8 is a fully decoded, 2,097,152 x 64bit synchronous dynamic random access memory composed of eight 16Mb DRAMs (2Mx8) in TSOP packages mounted with decoupling capacitors on a 168-pin glass epoxy Dual-in-Line Package supports any application where high density and large capacity of storage memory are required, like for example PCs or servers.

FEATURES
• 2-Meg Word x 64-Bit (1Bank 8 Byte) organization
• 168-pin Dual Inline Memory Module
• All DQ Pins have 10Ω Damping Resister
• Single 3.3V power supply, ±0.3V tolerance
• Input :LVTTL compatible
• Output :LVTTL compatible
• Refresh : 4,096 cycles/64 ms
• Programmable data transfer mode
    • CAS latency (2, 3)
    • Burst length (1, 2, 4, 8, Full)
    • Data scramble (sequential, interleave)
• CBR auto-refresh, Self-refresh capability
• Serial Presence Detect (SPD) With EEPROM




Similar Part No. - MSC23S2640E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23S2720E OKI-MSC23S2720E Datasheet
103Kb / 11P
2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
More results


Similar Description - MSC23S2640E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V23258D OKI-MSC23V23258D Datasheet
373Kb / 10P
2,097,152 Word X 32 Bit DYNAMIC RAM MODULE
MSC23S2720E-8BS9 OKI-MSC23S2720E-8BS9 Datasheet
103Kb / 11P
2,097,152 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (2BANK)
MSC23V26407TD-XXBS8 OKI-MSC23V26407TD-XXBS8 Datasheet
92Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MSC23V26418TD-XXBS8 OKI-MSC23V26418TD-XXBS8 Datasheet
93Kb / 10P
2,097,152-Word x 64-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE
MK31VT432 OKI-MK31VT432 Datasheet
97Kb / 11P
4,194,304 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT464 OKI-MK31VT464 Datasheet
98Kb / 11P
4,194,304 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT832 OKI-MK31VT832 Datasheet
98Kb / 11P
8,388,608 Word x 32 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864 OKI-MK31VT864 Datasheet
99Kb / 11P
8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT864A OKI-MK31VT864A Datasheet
108Kb / 11P
8,388,608 Word x 64 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
MK31VT872A OKI-MK31VT872A Datasheet
108Kb / 11P
8,388,608 Word x 72 Bit SYNCHRONOUS DYNAMIC RAM MODULE (1BANK)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com