Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC23V47257TA Datasheet (PDF) - OKI electronic componets

MSC23V47257TA Datasheet PDF - OKI electronic componets
Part # MSC23V47257TA
Download  MSC23V47257TA Download
File Size   60.63 Kbytes
Page   5 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC23V47257TA Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC23V47257TA Datasheet PDF - OKI electronic componets

Part # MSC23V47257TA
Download  MSC23V47257TA Click to download

File Size   60.63 Kbytes
Page   5 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 4,194,304-Word 쨈 72-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO

MSC23V47257TA Datasheet (HTML) - OKI electronic componets


MSC23V47257TA Product details

DESCRIPTION
The Oki MSC23V47257TA-xxBS18/MSC23V47257SA-xxBS18 is a fully decoded 4,194,304-word x 72-bit CMOS dynamic random access memory composed of eighteen 16-Mb DRAMs (4M x 4) in TSOP or SOJ packages mounted with decoupling capacitors on an 168-pin glass epoxy DIMM Package supports any application where high density and large capacity of storage memory are required.

FEATURES
• 4,194,304-word x 72-bit (8 Byte ECC) organization
• 168-pin DIMM
    MSC23V47257TA-xxBS18 : TSOP type
    MSC23V47257SA-xxBS18 : SOJ type
• Single 3.3 V supply ±0.3 V tolerance
• Input : LVTTL compatible
• Output : LVTTL compatible, 3-state, nonlatch
• Refresh : 2048 cycles/32 ms
• CAS before RAS refresh, CAS before RAS hidden refresh, RAS-only refresh capability
• Multi-bit test mode capability
• Fast Page Mode with EDO capability
• Serial Presence Detect




Similar Part No. - MSC23V47257TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC23V47257TD OKI-MSC23V47257TD Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-50BS18 OKI-MSC23V47257TD-50BS18 Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-60BS18 OKI-MSC23V47257TD-60BS18 Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-70BS18 OKI-MSC23V47257TD-70BS18 Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-XXBS18 OKI-MSC23V47257TD-XXBS18 Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results


Similar Description - MSC23V47257TA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC2313258A OKI-MSC2313258A Datasheet
59Kb / 8P
1,048,576-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2323258A OKI-MSC2323258A Datasheet
61Kb / 8P
2,097,152-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23408C OKI-MSC23408C Datasheet
554Kb / 8P
4,194,304-Word x 8-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23409C OKI-MSC23409C Datasheet
255Kb / 13P
4,194,304-Word x 9-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC2343257A OKI-MSC2343257A Datasheet
65Kb / 8P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC2343257D OKI-MSC2343257D Datasheet
46Kb / 9P
4,194,304-word x 32-bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23432A OKI-MSC23432A Datasheet
576Kb / 8P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23CV43257A OKI-MSC23CV43257A Datasheet
68Kb / 9P
4,194,304-Word x 32-Bit DRAM MODULE : FAST PAGE MODE TYPE WITH EDO
MSC23V47257TD-XXBS18 OKI-MSC23V47257TD-XXBS18 Datasheet
94Kb / 10P
4,194,304-Word x 72-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE WITH EDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com