Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC5301B-02 Datasheet (PDF) - OKI electronic componets

MSC5301B-02 Datasheet PDF - OKI electronic componets
Part # MSC5301B-02
Download  MSC5301B-02 Download
File Size   116.01 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD COMMON/SEGMENT DRIVER WITH RAM

MSC5301B-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSC5301B-02 Datasheet PDF - OKI electronic componets

Part # MSC5301B-02
Download  MSC5301B-02 Click to download

File Size   116.01 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description LCD COMMON/SEGMENT DRIVER WITH RAM

MSC5301B-02 Datasheet (HTML) - OKI electronic componets


MSC5301B-02 Product details

GENERAL DESCRIPTION
The MSC5301B-02 is an LCD driver LSI with a built-in RAM. The devices bit mapping method offers greater flexibility in which each bit of the display RAM controls each section on the LCD panel. It can form a graphic display system of 64 x 8 dots in one chip. In addition, the display can be expanded by using the additional LSIs.

FEATURES
• LCD driving voltage range : 6 to 16V
• Operating power supply voltage range : 5V ±10%
• Display duty : 1/8 (1/4 bias)
• Common output : 8 outputs
• Segment output : 64 outputs
• RAM capacity : 8 x 64 = 512 bits
• Serial transfer clock frequency (fSCK) : 500 kHz Max.
• Multichip configuration available
• Blanking available
• Built-in RC oscillation circuit
• Package:
    100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name: MSC5310B-02GS-BK)




Similar Part No. - MSC5301B-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC5301B-01 OKI-MSC5301B-01 Datasheet
125Kb / 15P
LCD COMMON/SEGMENT DRIVER WITH RAM
More results


Similar Description - MSC5301B-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC5301B-01 OKI-MSC5301B-01 Datasheet
125Kb / 15P
LCD COMMON/SEGMENT DRIVER WITH RAM
logo
List of Unclassifed Man...
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
LCD Segment / Common Driver with Controller
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
LCD Segment / Common Driver with Controller
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
LCD Segment / Common Driver with Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com