Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM13Q0230 Datasheet (PDF) - OKI electronic componets

MSM13Q0230 Datasheet PDF - OKI electronic componets
Part # MSM13Q0230
Download  MSM13Q0230 Download
File Size   227.38 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 0.35 關m Sea of Gates Arrays

MSM13Q0230 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM13Q0230 Datasheet PDF - OKI electronic componets

Part # MSM13Q0230
Download  MSM13Q0230 Click to download

File Size   227.38 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 0.35 關m Sea of Gates Arrays

MSM13Q0230 Datasheet (HTML) - OKI electronic componets


MSM13Q0230 Product details

DESCRIPTION

Oki’s 0.3 5 µm ASIC products deliver ultra-high performance and high density at low power dissipation. The MSM13Q0000/14Q0000 series devices (referred to as “MSM13Q/14Q”) are implemented with the industry-standard Cell-Based Array (CBA) architecture in a Sea-of-Gates (SOG) structure. Built in a 0.35 µm drawn CMOS technology (with an L-Effective of 0.27 µm), these SOG devices are available in three layers (MSM13Q) and four layers (MSM14Q) of metal. The semiconductor process is adapted from Oki’s production-proven 64-Mbit DRAM manufacturing process.



FEATURES

• 0.35 µm drawn 3- and 4-layer metal CMOS

• Optimized 3.3-V core

• Optimized 3-V I/O and 3-V I/O that is 5-V tolerant

• CBA SOG architecture

• Over 1.0M raw gates and 352 pads

• User-configurable I/O with VSS, VDD, TTL, 3-state, and 1- to 24-mA options

• Slew-rate-controlled outputs for low-radiated noise

• H-clock tree cells which reduce the maximum skew for clock signals




Similar Part No. - MSM13Q0230

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MSM130W9 LITTELFUSE-MSM130W9 Datasheet
177Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
logo
OKI electronic componet...
MSM13R0000 OKI-MSM13R0000 Datasheet
247Kb / 17P
Universal Serial Bus Controller 0.5uM Technology Mega Macrofunction
More results


Similar Description - MSM13Q0230

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
0.25關m Sea of Gates and Customer Structured Arrays
MG63P OKI-MG63P Datasheet
267Kb / 22P
0.25關m Embedded DRAM/ Customer Structured Arrays
logo
List of Unclassifed Man...
MSM38S0000 ETC1-MSM38S0000 Datasheet
96Kb / 23P
0.8m Mixed 3-V/5-V Sea of Gates and Customer Structured Arrays
logo
Samsung semiconductor
BW1254X SAMSUNG-BW1254X Datasheet
225Kb / 18P
0.35關m 14-BIT 10MSPS ADC
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
0.35 關m ULC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com