Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGD15FB45P Datasheet (PDF) - Cree, Inc

CGD15FB45P Datasheet PDF - Cree, Inc
Part # CGD15FB45P
Download  CGD15FB45P Download
File Size   1025.32 Kbytes
Page   6 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module

CGD15FB45P Datasheet (PDF)

Go To PDF Page Download Datasheet
CGD15FB45P Datasheet PDF - Cree, Inc

Part # CGD15FB45P
Download  CGD15FB45P Click to download

File Size   1025.32 Kbytes
Page   6 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module

CGD15FB45P Datasheet (HTML) - Cree, Inc




Similar Part No. - CGD15FB45P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P1 CREE-CGD15FB45P1 Datasheet
1Mb / 7P
Six Channel SiC MOSFET Driver
More results


Similar Description - CGD15FB45P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P1 CREE-CGD15FB45P1 Datasheet
1Mb / 7P
Six Channel SiC MOSFET Driver
CGD15HB62P1 CREE-CGD15HB62P1 Datasheet
951Kb / 6P
Gate Driver for 1200V, 62mm SiC MOSFET Power Module
PT62SCMD12 CREE-PT62SCMD12 Datasheet
1,014Kb / 12P
Dual 1200V SIC MOSFET driver
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
Dual 1700V SIC MOSFET driver
CGD15SG00D2 CREE-CGD15SG00D2 Datasheet
2Mb / 20P
Gate Driver for Cree?셲 Generation 3 (C3MTM) SiC MOSFET
CPWR-AN10 CREE-CPWR-AN10 Datasheet
486Kb / 6P
SiC MOSFET Isolated Gate Driver
logo
Inchange Semiconductor ...
GA100JT12-ISCFM8004 ISC-GA100JT12-ISCFM8004 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
GA100JT17-ISCFM8005 ISC-GA100JT17-ISCFM8005 Datasheet
365Kb / 5P
SiC MOSFET Power Module
2023-9-26
logo
UN Semiconducctor INC
UNC1K203N078-T47 UNSEMI-UNC1K203N078-T47 Datasheet
4Mb / 12P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com