Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1838 Datasheet (PDF) - Maxim Integrated Products

MAX1838 Datasheet PDF - Maxim Integrated Products
Part # MAX1838
Download  MAX1838 Download
File Size   639.23 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual USB Switch with Fault Blanking and Autoreset

MAX1838 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1838 Datasheet PDF - Maxim Integrated Products

Part # MAX1838
Download  MAX1838 Click to download

File Size   639.23 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual USB Switch with Fault Blanking and Autoreset

MAX1838 Datasheet (HTML) - Maxim Integrated Products


MAX1838 Product details

General Description
The MAX1838 is a dual, current-limited USB switch with auxiliary input supply. Each switch meets all IEC specifications for USB ports and is guaranteed to supply 500mA from either of two input supplies. A control pin selects the power source from either the main or auxiliary supply.
The MAX1838 has multiple protection features, including independent thermal-shutdown on each channel to limit junction temperature in case of a prolonged short or overload condition. The device has accurate internal current-limit and reverse-current protection to safe guard the input supply against overload. When powered from the auxiliary supply, the current limit on each channel is set independently with an external resistor.
The MAX1838 is available in a space-saving 16-pin QSOP. For other USB current-limited switches, refer to the MAX1693, MAX1694, MAX1812, and MAX1823.

Features
♦ Dual USB Switch with Auxiliary Input
♦ Autoreset from Fault Condition
♦ Guaranteed 500mA Load per Channel
♦ Programmable Current Limits on Auxiliary Inputs
♦ Reverse Current Protection
♦ Thermal Overload Protection
♦ Built-In 20ms Fault-Blanking
♦ 4V to 5.5V Range
♦ Independent FAULT Indicator Outputs

Applications
   Desktops
   Notebook Computers
   USB Ports
   Docking Stations




Similar Part No. - MAX1838

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1838 MAXIM-MAX1838 Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1838EEE MAXIM-MAX1838EEE Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
More results


Similar Description - MAX1838

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562 Datasheet
436Kb / 12P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
19-2631; Rev 0; 7/03
MAX1812 MAXIM-MAX1812 Datasheet
296Kb / 10P
Dual USB Switch with Fault Blanking
19-1865; Rev 0; 11/00
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1946 MAXIM-MAX1946 Datasheet
441Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny QFN
Rev 1; 1/03
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com