Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9286-300 Datasheet (PDF) - AVX Corporation

9286-300 Datasheet PDF - AVX Corporation
Part # 9286-300
Download  9286-300 Download
File Size   378.92 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Thru Wire Connector 12-16AWG: WTW

9286-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
9286-300 Datasheet PDF - AVX Corporation

Part # 9286-300
Download  9286-300 Click to download

File Size   378.92 Kbytes
Page   4 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description Thru Wire Connector 12-16AWG: WTW

9286-300 Datasheet (HTML) - AVX Corporation




Similar Part No. - 9286-300

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9286-200 AVX-9286-200 Datasheet
665Kb / 8P
Reduced Thru Wire Connector 18-24 AWG: WTW
9286-250 AVX-9286-250 Datasheet
522Kb / 5P
Reduced Junction Box Connector 18-24 AWG: WTW
logo
AVAGO TECHNOLOGIES LIMI...
9286-8E AVAGO-9286-8E Datasheet
608Kb / 2P
Built on MegaRAID
More results


Similar Description - 9286-300

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
SCRs 12 AMPERES RMS 50 thru 800 VOLTS
logo
Central Semiconductor C...
CQ220-12MFP CENTRAL-CQ220-12MFP Datasheet
80Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
CQDD-12M CENTRAL-CQDD-12M Datasheet
75Kb / 2P
12 AMP TRIAC 600 THRU 800 VOLTS
logo
Molex Electronics Ltd.
0638115900 MOLEX11-0638115900 Datasheet
38Kb / 2P
Hand Crimp Tool, 14-16AWG
63811-5900 MOLEX11-63811-5900 Datasheet
37Kb / 1P
Hand Crimp Tool, 14-16AWG
logo
AVX Corporation
9286-200 AVX-9286-200 Datasheet
665Kb / 8P
Reduced Thru Wire Connector 18-24 AWG: WTW
9286-250 AVX-9286-250 Datasheet
522Kb / 5P
Reduced Junction Box Connector 18-24 AWG: WTW
logo
Molex Electronics Ltd.
ATS-639044300 MOLEX-ATS-639044300 Datasheet
293Kb / 5P
Fine Adjust Applicator for 3.3 WTW Terminals
02-20-2017
2002180400 MOLEX-2002180400 Datasheet
724Kb / 7P
Hand Crimp Tool for 1.8mm SLD WTW Crimp Terminals
01-08-18
797582142 MOLEX-797582142 Datasheet
148Kb / 1P
ULTRA FIT TIN PLATED 300MM 16AWG
2019/07/16
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com