Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PGSMB5926 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1PGSMB5926 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1PGSMB5926
Download  1PGSMB5926 Download
File Size   300.99 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3W, 11V - 200V Surface Mount Silicon Zener Diode

1PGSMB5926 Datasheet (PDF)

Go To PDF Page Download Datasheet
1PGSMB5926 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1PGSMB5926
Download  1PGSMB5926 Click to download

File Size   300.99 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3W, 11V - 200V Surface Mount Silicon Zener Diode

1PGSMB5926 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - 1PGSMB5926

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMA110Z TSC-1PGSMA110Z Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
1PGSMA120Z TSC-1PGSMA120Z Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
1PGSMA130Z TSC-1PGSMA130Z Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
1PGSMA150Z TSC-1PGSMA150Z Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
1PGSMA160Z TSC-1PGSMA160Z Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
More results


Similar Description - 1PGSMB5926

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
3EZ3.9D5 JGD-3EZ3.9D5 Datasheet
150Kb / 2P
3W SILICON ZENER DIODE
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
3W SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
GOOD-ARK Electronics
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
logo
Diotech Company.
1N5913B DIOTECH-1N5913B Datasheet
1Mb / 4P
3W SILICON ZENER DIODE
logo
Zibo Seno Electronic En...
1SMB5913A ZSELEC-1SMB5913A Datasheet
409Kb / 4P
3W SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
5W, 11V - 51V Surface Mount Silicon Zener Diode
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
1W, 10V - 200V Surface Mount Silicon Zener Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com