Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM514260E Datasheet (PDF) - OKI electronic componets

MSM514260E Datasheet PDF - OKI electronic componets
Part # MSM514260E
Download  MSM514260E Download
File Size   144.27 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514260E Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM514260E Datasheet PDF - OKI electronic componets

Part # MSM514260E
Download  MSM514260E Click to download

File Size   144.27 Kbytes
Page   15 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE

MSM514260E Datasheet (HTML) - OKI electronic componets


MSM514260E Product details

DESCRIPTION

The MSM514260E/ESL is a 262,144-word × 16-bit dynamic RAM fabricated in Oki’s silicon-gate CMOS technology. The MSM514260E/ESL achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM514260E/ESL is available in a 40-pin plastic SOJ, 44/40-pin plastic TSOP. The MSM514260ESL (the Self-refresh version) is specially designed for lower-power applications.



FEATURES

• 262,144-word × 16-bit configuration

• Single 5V power supply, ±10% tolerance

• Input : TTL compatible, low input capacitance

• Output : TTL compatible, 3-state

• Refresh : 512 cycles/8 ms, 512 cycles/128 ms (SL version)

• Fast page mode, read modify write capability

• CAS before RAS refresh, hidden refresh, RAS-only refresh capability

• CAS before RAS self-refresh capability (SL version)

• Package options:

   40-pin 400mil plastic SOJ (SOJ40-P-400-1.27) (Product : MSM514260E/ESL-xxJS)

   44/40-pin 400mil plastic TSOP (TSOPII44/40-P-400-0.80-K) (Product : MSM514260E/ESL-xxTS-K)

                                                                                              xx : indicates speed rank.



 




Similar Part No. - MSM514260E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514260E OKI-MSM514260E Datasheet
144Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E OKI-MSM514260E Datasheet
184Kb / 14P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60 OKI-MSM514260E-60 Datasheet
144Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
184Kb / 14P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Similar Description - MSM514260E

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM514256C OKI-MSM514256C Datasheet
258Kb / 17P
262,144-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260C OKI-MSM514260C Datasheet
263Kb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514265B OKI-MSM514265B Datasheet
1Mb / 16P
262,144-Word x 16-Bit DYNAMIC RAM : HYPER PAGE MODE TYPE
MSM5416250 OKI-MSM5416250 Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V16255A OKI-MSM54V16255A Datasheet
1Mb / 19P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260E-60JS OKI-MSM514260E-60JS Datasheet
144Kb / 15P
262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800A OKI-MSM512800A Datasheet
343Kb / 8P
262,144-Word x 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM512800C OKI-MSM512800C Datasheet
259Kb / 16P
262,144-Word X 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM514260ESL OKI-MSM514260ESL Datasheet
184Kb / 14P
262,144-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com