Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS10P03G-K Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS10P03G-K Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS10P03G-K
Download  TS10P03G-K Download
File Size   391.15 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 50V - 1000V Glass Passivated Bridge Rectifier

TS10P03G-K Datasheet (PDF)

Go To PDF Page Download Datasheet
TS10P03G-K Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS10P03G-K
Download  TS10P03G-K Click to download

File Size   391.15 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 50V - 1000V Glass Passivated Bridge Rectifier

TS10P03G-K Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS10P03G-K Product details

FEATURES
● Glass passivated junction
● Ideal for printed circuit board
● Typical IR less than 0.1μA
● High surge current capability
● UL Recognized File # E-326243
● Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC

APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● TV
● Monitor




Similar Part No. - TS10P03G-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS10P03G TSC-TS10P03G Datasheet
50Kb / 2P
Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P03G TSC-TS10P03G Datasheet
226Kb / 2P
Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10P03G TSC-TS10P03G Datasheet
138Kb / 2P
Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10P03G TSC-TS10P03G Datasheet
244Kb / 4P
Glass Passivated Bridge Rectifiers
More results


Similar Description - TS10P03G-K

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
KBP2005G WILLAS-KBP2005G Datasheet
240Kb / 2P
2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER - 50V-1000V
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
GP1001 TMT-GP1001_16 Datasheet
202Kb / 4P
10A, 50V - 1000V Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
D10JB05 SECOS-D10JB05 Datasheet
182Kb / 2P
50V ~ 1000V, 10A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
1N5400G-K TSC-1N5400G-K Datasheet
268Kb / 6P
3A, 50V - 1000V Glass Passivated Rectifier
1T1G-K TSC-1T1G-K Datasheet
408Kb / 6P
1A, 50V - 1000V Glass Passivated Rectifier
2A01G-T TSC-2A01G-T Datasheet
272Kb / 6P
2A, 50V - 1000V Glass Passivated Rectifier
TS6P01G-K TSC-TS6P01G-K Datasheet
313Kb / 6P
6A, 50V - 1000V Glass Passivated Bridge Rectifier
GBU401 TSC-GBU401_V01 Datasheet
275Kb / 7P
4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifier
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com