Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM3201S Datasheet (PDF) - uPI Group Inc.

QM3201S Datasheet PDF - uPI Group Inc.
Part # QM3201S
Download  QM3201S Download
File Size   370.33 Kbytes
Page   4 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Dual P-Ch 30V Fast Switching MOSFETs

QM3201S Datasheet (PDF)

Go To PDF Page Download Datasheet
QM3201S Datasheet PDF - uPI Group Inc.

Part # QM3201S
Download  QM3201S Click to download

File Size   370.33 Kbytes
Page   4 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Dual P-Ch 30V Fast Switching MOSFETs

QM3201S Datasheet (HTML) - uPI Group Inc.




Similar Part No. - QM3201S

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
QM3202M3 UPI-QM3202M3 Datasheet
204Kb / 4P
Dual N-Ch 30V Fast Switching MOSFETs
QM3202S UPI-QM3202S Datasheet
319Kb / 4P
Dual N-Ch 30V Fast Switching MOSFETs
logo
VBsemi Electronics Co.,...
QM3202S VBSEMI-QM3202S Datasheet
1Mb / 9P
Dual N-Channel 30 V (D-S) MOSFET
QM3203S VBSEMI-QM3203S Datasheet
1,022Kb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
QM3203S DOINGTER-QM3203S Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - QM3201S

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM3201 XINDEYI-UM3201 Datasheet
812Kb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
UM3203 XINDEYI-UM3203 Datasheet
871Kb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
UM4953 XINDEYI-UM4953 Datasheet
1Mb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM3003 UNITPOWER-UM3003 Datasheet
731Kb / 4P
P-Ch 30V Fast Switching MOSFETs
UM3201 UNITPOWER-UM3201 Datasheet
812Kb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
UM3203 UNITPOWER-UM3203 Datasheet
871Kb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
UM4805 UNITPOWER-UM4805 Datasheet
1Mb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
UM4953 UNITPOWER-UM4953 Datasheet
1Mb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKS3301 FETEK-FKS3301 Datasheet
581Kb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
Ver : A
FKS3303 FETEK-FKS3303 Datasheet
611Kb / 4P
Dual P-Ch 30V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com