Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

780034 Datasheet (PDF) - NEC

780034 Datasheet PDF - NEC
Part # 780034
Download  780034 Download
File Size   644.73 Kbytes
Page   129 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Common to 78K/0 Series

780034 Datasheet (PDF)

Go To PDF Page Download Datasheet
780034 Datasheet PDF - NEC

Part # 780034
Download  780034 Click to download

File Size   644.73 Kbytes
Page   129 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description Common to 78K/0 Series

780034 Datasheet (HTML) - NEC


780034 Product details

Features of 78K/0 Series

The 78K/0 series is a collection of 8-bit single-chip microcontrollers ideal for commercial systems.
The µPD78054 and 78054Y subseries are provided with peripheral hardware functions such as an A/D converter,D/A converter, timer, serial interface, real-time output port, and interrupt function.
The µPD78064 and 78064Y subseries are provided with peripheral hardware functions such as an LCD controller/driver, A/D converter, timer, serial interface, and interrupt function.
The µPD78078 and 78078Y subseries are based on the µPD78054 and 78054Y subseries with a timer added and the external interface function reinforced.
The µPD78083 subseries is provided with peripheral hardware functions such as an A/D converter, timer, serial interface, and interrupt function.
The µPD78098 subseries is based on the µPD78054 subseries with an IEBus controller added.
The µPD780018 and 780018Y subseries are versions of the µPD78078 and 78078Y subseries (serial interface with time division transfer function) with an improved serial interface and a limited number of functions.
The µPD780058 and 780058Y subseries are low-EMI noise versions of the µPD78054 and 78054Y subseries (serial interface with time division transfer function), with an improved serial interface.
The µPD780308 and 780308Y subseries are versions of the µPD78064 and 78064Y subseries with increased ROM and RAM with an improved serial interface.
The µPD78058F, 78058FY, 78064B, 78075B, 78075BY, and 78098B subseries are low-EMI noise versions of the µPD78054, 78054Y, 78064, 78078, 78078Y, and 78098 subseries.
The µPD78070A and 78070AY subseries are the ROM-less versions of the µPD78078 and 78078Y subseries.
The µPD78054Y, 78064Y, 78078Y, 780058Y, 780308Y, 78058FY, 78075BY subseries and µPD78070AY are provided with I2C bus control function instead of the SBI function of the µPD78054, 78064, 78078, 780058, 780308, 78058F, 78075B subseries and µPD78070A.
In addition, one-time PROM, EPROM, or flash-memory models that can operate at the same operating voltage as the mask ROM models and that are ideal for early and small-scale production of the application system are also available.
The block diagram and function outline of each series is shown on the following pages.




Similar Part No. - 780034

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78003 ALPHAWIRE-78003 Datasheet
407Kb / 4P
28 (19/40) AWG Tinned Copper
logo
REMA Lipprandt GmbH & C...
78003-00 REMA-78003-00 Datasheet
325Kb / 9P
REMA Connectors with flat Contacts
logo
Microsemi Corporation
7800303XA MICROSEMI-7800303XA Datasheet
292Kb / 4P
HIGH-VOLTAGE OPERATIONAL AMPLIFIER
More results


Similar Description - 780034

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
Honeywell Solid State E...
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
logo
Omron Electronics LLC
A22N-PS175 OMRON-A22N-PS175 Datasheet
809Kb / 19P
Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
Specifications Common to All
A22N-PS112 OMRON-A22N-PS112 Datasheet
796Kb / 19P
Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
Specifications Common to All
logo
MicroPower Direct, LLC
MDCFM-03AW MPD-MDCFM-03AW Datasheet
532Kb / 2P
0 to 80 VDC Input
MDCFM-02A MPD-MDCFM-02A Datasheet
502Kb / 2P
0 to 80 VDC Input
logo
Schneider Electric
TM5SPDG12F SCHNEIDER-TM5SPDG12F Datasheet
291Kb / 6P
Common distribution module, Modicon TM5, 12 x 0 V DC
Apr 6, 2022
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com