Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1962 Datasheet (PDF) - Maxim Integrated Products

MAX1962 Datasheet PDF - Maxim Integrated Products
Part # MAX1962
Download  MAX1962 Download
File Size   455.52 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining

MAX1962 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1962 Datasheet PDF - Maxim Integrated Products

Part # MAX1962
Download  MAX1962 Click to download

File Size   455.52 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining

MAX1962 Datasheet (HTML) - Maxim Integrated Products


MAX1962 Product details

General Description
The MAX1960/MAX1961/MAX1962 high-current, high efficiency voltage-mode step-down DC-DC controllers operate from a 2.35V to 5.5V input and generate output voltages down to 0.8V at up to 20A. An on-chip charge pump generates a regulated 5V for MOSFET drive. Additionally, adaptive dead-time drivers allow a wide variety of MOSFETs to be used without risking shoot-through.

Features
♦ 0.5% Accurate Output
♦ Operates from 2.35V to 5.5V Supply
♦ Generates Low Output Voltage Down to 0.8V
♦ On-Chip Charge Pump Provides 5V Gate Drive
♦ Ceramic or Electrolytic Capacitors
♦ 94% Efficiency
♦ External Synchronization from 450kHz to 1.2MHz
♦ 500kHz/1MHz Fixed-Frequency PWM Operation
♦ Fast Transient Response
♦ Two Converters Can Operate 180° Out-of-Phase
♦ ±4% Voltage Margining for System Test
♦ 10% Accurate Current Sensing (MAX1962)
♦ Adaptive Dead Time Prevents Shoot-Through

Applications
   ASIC, FPGA, DSP, and CPU Core and I/O Voltages
   Cellular Base Stations
   Telecom and Network Equipment
   Server and Storage Systems




Similar Part No. - MAX1962

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1962 MAXIM-MAX1962 Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1962EEP MAXIM-MAX1962EEP Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
More results


Similar Description - MAX1962

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
logo
Analog Devices
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
PWM, Step-Down DC-to-DC Controller with Margining and Tracking
8/06-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
MAX1951 MAXIM-MAX1951 Datasheet
380Kb / 15P
1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Rev 2; 6/09
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com