Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6977 Datasheet (PDF) - Maxim Integrated Products

MAX6977 Datasheet PDF - Maxim Integrated Products
Part # MAX6977
Download  MAX6977 Download
File Size   304.39 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Port, 36V Constant-Current LED Driver

MAX6977 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6977 Datasheet PDF - Maxim Integrated Products

Part # MAX6977
Download  MAX6977 Click to download

File Size   304.39 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 16-Port, 36V Constant-Current LED Driver

MAX6977 Datasheet (HTML) - Maxim Integrated Products


MAX6977 Product details

General Description
The MAX6971 serial-interfaced LED driver provides 16 open-drain, constant-current-sinking LED driver outputs rated at 36V. The MAX6971 operates from a 3V to 5.5V supply. The MAX6971 supply and the LEDs’ supply or supplies can power up in any order. The constant-current outputs are programmed together to up to 55mA using a single external resistor. The MAX6971 operates with a 25Mb, industry-standard, 4-wire serial interface.

Features
♦ 25Mb, Industry-Standard, 4-Wire Serial Interface
♦ 3V to 5.5V Logic Supply
♦ 16 Constant-Current LED Outputs Rated at 36V
♦ Up to 55mA Continuous Current per Output
♦ Output Current Programmed by Single Resistor
♦ 3% Current Matching Between Outputs
♦ 6% Current Matching Between ICs
♦ High-Dissipation, 24-Pin Packages
♦ -40°C to +125°C Temperature Range

Applications
    Variable Message Signs
    Marquee Displays
    Point-of-Order Signs
    Traffic Signs
    Gaming Features
    Architectural Lighting




Similar Part No. - MAX6977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX697 MAXIM-MAX697 Datasheet
481Kb / 12P
Microprocessor Supervisory Circuits
1989
MAX6971 MAXIM-MAX6971 Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971ANG MAXIM-MAX6971ANG Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971AUG MAXIM-MAX6971AUG Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
More results


Similar Description - MAX6977

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
MAX6971 MAXIM-MAX6971_07 Datasheet
251Kb / 12P
16-Port, 36V Constant-Current LED Driver
Rev 1; 10/07
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Marktech Corporate
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
16-Output Constant Current LED Driver
logo
List of Unclassifed Man...
XL3003 ETC2-XL3003 Datasheet
444Kb / 14P
4A 220KHz 36V Buck LED Constant Current Driver
XL3005 ETC2-XL3005 Datasheet
362Kb / 15P
5A 220KHz 36V Buck LED Constant Current Driver
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
XLSEMI
XL3005 XLSEMI-XL3005 Datasheet
391Kb / 15P
5A 220KHz 36V Buck LED Constant Current Driver
logo
Maxim Integrated Produc...
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
16-Port, 5.5V Constant-Current LED Driver
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com