Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC2411 Datasheet (PDF) - List of Unclassifed Manufacturers

TC2411 Datasheet PDF - List of Unclassifed Manufacturers
Part # TC2411
Download  TC2411 Download
File Size   373.42 Kbytes
Page   16 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation

TC2411 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2411 Datasheet PDF - List of Unclassifed Manufacturers

Part # TC2411
Download  TC2411 Click to download

File Size   373.42 Kbytes
Page   16 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation

TC2411 Datasheet (HTML) - List of Unclassifed Manufacturers


TC2411 Product details

[TelASIC Communications, Inc. ]

Description
As shown in the functional block diagram below, the TC2411 features a 5-Bit Unary + 9-Bit Binary R2R architecture. 14-bit straight binary data can be input to the DAC at a sample rate of up to 1 GSPS. The DAC provides low-noise and low-spurious performance with digital IF input signals across the first Nyquist band.
The highly linear analog output produced by the TC2411 may be filtered externally to reject the signal image, and is suitable for single-stage upconversion applications.

Technical Features
• Signal-Noise Ratio…..……......74dBc @126MHz
• Signal Input……………1000MSPS, 14bits LVDS
• Spur Free Dynamic Range…...75dBc @126MHz
• Clock Input Drive.. 0 to +13dBm, 25Ω differential
• Full Scale Output……..…-2dBm, 50Ω differential
• Voltage Reference……...2.5V Bandgap On-Chip
• Power Dissipation …..……………………….1.8W
• Technology ……………….0.5 µm SiGe BiCMOS
• Packaging......96 ball, Pb-free, Cavity-down BGA

Applications
The TC2411’s high sample rate makes it ideal for the following applications:
• Signal generation
• Direct digital synthesis (DDS)
• Test and measurement
• Software radio
• Single- and multi-carrier transceivers
• Radar (Including Burst mode capability)




Similar Part No. - TC2411

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC2411D-111M PRODUCTWELL-TC2411D-111M Datasheet
129Kb / 4P
TOROID INDUCTORS
TC2411D-250M PRODUCTWELL-TC2411D-250M Datasheet
129Kb / 4P
TOROID INDUCTORS
More results


Similar Description - TC2411

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
12-Bit, 1-GSPS Analog-to-Digital Converter
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
5962-0924001VXC TI1-5962-0924001VXC Datasheet
1Mb / 46P
12-Bit, 1-GSPS Analog-to-Digital Converter
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
12-Bit, 1-GSPS Analog-to-Digital Converter
logo
Analog Devices
AD9690 AD-AD9690 Datasheet
2Mb / 77P
14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com