Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTQS3389 Datasheet (PDF) - Integrated Device Technology

IDTQS3389 Datasheet PDF - Integrated Device Technology
Part # IDTQS3389
Download  IDTQS3389 Download
File Size   44.13 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS LAST VALUE LATCH 20 ACTIVE BUS TERMINATORS

IDTQS3389 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3389 Datasheet PDF - Integrated Device Technology

Part # IDTQS3389
Download  IDTQS3389 Click to download

File Size   44.13 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS LAST VALUE LATCH 20 ACTIVE BUS TERMINATORS

IDTQS3389 Datasheet (HTML) - Integrated Device Technology


IDTQS3389 Product details

DESCRIPTION:

The QS3389 provides a set of 20 active termination circuits which pull data bus signals to the voltage rails. This feature prevents bus signals from floating in the threshold region of standard TTL I/O devices. The QS3389 can replace resistor termination solutions which add DC power dissipation and increase component count. Input clamp diodes help to reduce reflections and undershoot in transmission line environments. Importantly, the terminator circuits pull signals to whichever logic state the signal previously held (high or low). For this reason, this device is also referred to as a last value latch. This device is appropriate for data bus applications where interfacing devices have CMOS inputs with low input currents.



FEATURES:

• Active termination pulls bus pins to rails

• Holds last value of input signal

• Ideal replacement for resistive termination

• Ultra low 3µA DC quiescent current

• Bus-hold eliminates floating bus lines and reduces static power consumption

• Low power QCMOS technology

• Operates over 2.7V to 5.5V Vcc range

• TTL-compatible input and output levels

• No added noise or ground bounce

• 20 independent terminator circuits

• Available in QSOP package



APPLICATIONS:

• Bus termination

• Extend data hold time



 




Similar Part No. - IDTQS3389

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383 Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS3383 IDT-IDTQS3383 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3383 RENESAS-IDTQS3383 Datasheet
386Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS3383Q IDT-IDTQS3383Q Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS3383SO IDT-IDTQS3383SO Datasheet
43Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
More results


Similar Description - IDTQS3389

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH125 IDT-IDTQS3VH125 Datasheet
78Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
IDTQS32X384 IDT-IDTQS32X384 Datasheet
526Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDTQS32XL384 IDT-IDTQS32XL384 Datasheet
63Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384 Datasheet
74Kb / 8P
QUICKSWITCH PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3388 IDT-IDTQS3388 Datasheet
54Kb / 6P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS BUS EXCHANGE SWITCH WITH ACTIVE TERMINATION(BUS HOLD)
IDTQS3VH125 IDT-IDTQS3VH125_13 Datasheet
265Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V QUAD ACTIVE LOW, HIGH BANDWIDTH BUS SWITCH
IDTQS3125 IDT-IDTQS3125_11 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUADRUPLE BUS SWITCH WITH INDIVIDUAL ACTIVE
IDTQS32X2384 IDT-IDTQS32X2384 Datasheet
222Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X2384 RENESAS-IDTQS32X2384 Datasheet
392Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
FEBRUARY 2011
IDTQS32XL384 RENESAS-IDTQS32XL384 Datasheet
328Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 20-BIT BUS SWITCH
JUNE 2011
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com