| Manufacturer | Part # | Datasheet | Description |
 ANADIGICS, Inc |
AWB7223R
|
610Kb / 9P |
1.930 -1.995 GHz Small-Cell Power Amplifier Module
Rev 1.5 |
|
AWB7225
|
632Kb / 9P |
860 - 894 MHz Small-Cell Power Amplifier Module
Rev 0.1 |
|
AWB7227
|
648Kb / 9P |
2.11-2.17 GHz Small-Cell Power Amplifier Module
Rev 1.6 |
|
AWB7228
|
673Kb / 9P |
2.545 - 2.69 GHz Small-Cell Power Amplifier Module
Rev 1.2 |
|
AWB7222
|
740Kb / 9P |
1.805 - 1.880 GHz Small-Cell Power Amplifier Module
Rev 2.3 |
|
AWB7223
|
724Kb / 9P |
1.930 -1.995 GHz Small-Cell Power Amplifier Module
Rev 2.1 |
|
AWB7224
|
777Kb / 9P |
728 - 768 MHz Small-Cell Power Amplifier Module
Rev 1.1 |
 Skyworks Solutions Inc. |
AWB7223
|
766Kb / 10P |
1.930 -1.995 GHz Small-Cell Power Amplifier Module
|
|
AWB7224
|
802Kb / 10P |
728 - 768 MHz Small-Cell Power Amplifier Module
|
|
AWB7229
|
828Kb / 10P |
925 - 960 MHz Small-Cell Power Amplifier Module
|