Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEML6030 Datasheet (PDF) - Vishay Siliconix

VEML6030 Datasheet PDF - Vishay Siliconix
Part # VEML6030_17
Download  VEML6030 Download
File Size   281.94 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Accuracy Ambient Light Sensor With I2C Interface

VEML6030 Datasheet (PDF)

Go To PDF Page Download Datasheet
VEML6030 Datasheet PDF - Vishay Siliconix

Part # VEML6030_17
Download  VEML6030 Click to download

File Size   281.94 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Accuracy Ambient Light Sensor With I2C Interface

VEML6030 Datasheet (HTML) - Vishay Siliconix


VEML6030 Product details

• Package type: surface mount
• Dimensions (L x W x H in mm): 2 x 2 x 0.87
• Integrated modules: ambient light sensor (ALS)
• Supply voltage range VDD: 2.5 V to 3.6 V
• Communication via I2C interface
• I2C bus H-level range: 1.7 V to 3.6 V
• Floor life: 72 h, MSL 4, according to J-STD-020
• Low stand by current consumption: typ. 0.5 μA




Similar Part No. - VEML6030_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6030-GS15 VISHAY-VEML6030-GS15 Datasheet
229Kb / 15P
High Accuracy Ambient Light Sensor with I2C Interface
24-May-16
VEML6030-GS15 VISHAY-VEML6030-GS15 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6030 VISHAY-VEML6030_V02 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
More results


Similar Description - VEML6030_17

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
High Accuracy Ambient Light Sensor with IC Interface
19-Nov-15
VEML6030 VISHAY-VEML6030 Datasheet
229Kb / 15P
High Accuracy Ambient Light Sensor with I2C Interface
24-May-16
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
19-May-2021
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V01 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
VEML7700 VISHAY-VEML7700_V01 Datasheet
252Kb / 15P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6030 VISHAY-VEML6030_V02 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
VEML7700 VISHAY-VEML7700_V02 Datasheet
252Kb / 15P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com