Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7708H Datasheet (PDF) - NXP Semiconductors

SAA7708H Datasheet PDF - NXP Semiconductors
Part # SAA7708H
Download  SAA7708H Download
File Size   281.15 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Car Radio Digital Signal Processor

SAA7708H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7708H Datasheet PDF - NXP Semiconductors

Part # SAA7708H
Download  SAA7708H Click to download

File Size   281.15 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Car Radio Digital Signal Processor

SAA7708H Datasheet (HTML) - NXP Semiconductors


SAA7708H Product details

GENERAL DESCRIPTION

The CDSP-chip performs all the signal functions in front of the power amplifiers and behind the AM and FM_MPX demodulation of a car radio or the tape input. These functions are: interference absorption, stereo decoding, RDS decoding, FM and AM weak signal processing (soft-mute, sliding stereo, etc.), Dolby-B tape noise reduction and the audio controls (volume, balance, fader and tone). Some functions have been implemented in hardware (stereo decoder, RDS decoding and IAC for FM_MPX) and are not freely programmable. A digital audio signals from external sources with the Philips I2S and the LSB 16, 18 and 20 bit justified format or SPDIF format are accepted. There are four independent analog output channels..

The DSP contains a basic program which enables a set with AM/FM reception, sophisticated FM weak signal functions, MSS, Dolby-B tape noise reduction system, CD play with compressor function and separate bass and treble tone control and fader/balance control.



HARDWARE FEATURES

• Two 3rd order SCAD (switch cap analog to digital converters)

• D/A converters with four fold over sampling and noise shaping

• Digital stereo decoder for the FM_MPX signal

• Improved, digital IAC for FM

• RDS processing with optional 16 bit buffer via a separate channel.

• Phone input with common mode rejection. Can be mixed with DAC output of front channels or processed via an AD

• Auxiliary high CMRR analog CD input (CD-walkman, speech, economic CD-changer etc.)

• One separate full I2S and LSB justified format and two muxable SPDIF high performance input interfaces

• Audio output short circuit protected

• I2C bus controlled

• AM input or AM_Right and AM_Left input

• Phase Lock Loop to generate the high frequency DSP clock from common fundamental oscillator crystal

• Combined AM/FM level input

• Two analog single ended tape inputs

• -40 to +85°C operating temperature range



SOFTWARE FEATURES

• Improved FM weak signal processing

• Integrated 19 kHz MPX filter and de-emphasis

• Electronic adjustments: FM/AM level, FM channel separation, Dolby level

• Baseband Audio processing (treble/bass/balance/fader/volume)

• Dynamic loudness or bass boost

• Audio level meter

• Music Search detection for Tape (MSS)

• Dolby-B tape noise reduction

• CD dynamics compressor

• CD De-emphasis processing

• Improved AM processing with IAC

• Soft Audio Mute




Similar Part No. - SAA7708H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
Car radio Digital Signal Processor CDSP
1997 May 30
More results


Similar Description - SAA7708H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
Car radio Digital Signal Processor CDSP
1997 May 30
logo
STMicroelectronics
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
logo
NXP Semiconductors
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
Car radio digital signal processor
2003 Nov 18
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
STMicroelectronics
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
CAR RADIO SIGNAL PROCESSOR
Apr-2001
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
Car radio signal processor
30-Jun-2011
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com