Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1120 Datasheet (PDF) - International Rectifier

IRU1120 Datasheet PDF - International Rectifier
Part # IRU1120
Download  IRU1120 Download
File Size   61.58 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRU1120 Datasheet PDF - International Rectifier

Part # IRU1120
Download  IRU1120 Click to download

File Size   61.58 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR

IRU1120 Datasheet (HTML) - International Rectifier


IRU1120 Product details

DESCRIPTION
The IRU1120 is an adjustable linear voltage regulator. It is packaged in a 5-pin ultra thin-pak surface mount package. The adjustable output voltage can be set from 1.25V and up using a simple resistor divider. The input power can be supplied by a single 5V supply. The regulator is capable of supplying 2 Amps of continuous current with an input voltage of 5V. The output is protected by both current limit and thermal shutdown circuits.

FEATURES
■ Stable with ceramic capacitor
■ Guaranteed < 1.3V Dropout at Full Load Current
■ Fast Transient Response
■ 2% Voltage Reference Initial Accuracy
■ Output Current Limiting
■ Built-In Thermal Shutdown

APPLICATIONS
■ High Efficiency Linear Regulator
■ Hard Disk Drivers, CD-ROMs, DVDs
■ ADSL and Cable Modems




Similar Part No. - IRU1120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results


Similar Description - IRU1120

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1075 IRF-IRU1075 Datasheet
94Kb / 6P
7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
5A Low Dropout Positive Adjustable Regulator
26-Mar-02
74802 VISHAY-74802 Datasheet
81Kb / 6P
800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1085MK LINER-RH1085MK_15 Datasheet
78Kb / 2P
3A Low Dropout Positive Adjustable Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com