Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-8600 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-8600 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-8600
Download  HDSP-8600 Download
File Size   122.24 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20 mm (0.8 inch) Seven Segment Displays

HDSP-8600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-8600 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-8600
Download  HDSP-8600 Click to download

File Size   122.24 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 20 mm (0.8 inch) Seven Segment Displays

HDSP-8600 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-8600 Product details

Description
The 20 mm (0.8 inch) LED seven segment displays are designed for viewing distances up to 10 metres (33 feet). These devices use an industry standard size package and pinout. All devices are available as either common anode or common cathode.
These displays are ideal for most applications. Pin for pin equivalent displays are also available in a low current design. The low current displays are ideal for portable applications. For additional information see the Low Current Seven Segment Displays data sheet.

Features
• Industry Standard Size
• Industry Standard Pinout
   15.24 mm (0.6 in.) DIP Leads
   on 2.54 mm (0.1 in.) Centers
• Choice of Colors
   Red, AlGaAs Red, High
   Efficiency Red, Yellow, Green
• Excellent Appearance
   Evenly Lighted Segments
   Mitered Corners on Segments
   Gray Package Gives Optimum Contrast
   ± 50° Viewing Angle
• Design Flexibility
   Common Anode or Common Cathode
   Left and Right Hand Decimal Points
   ± 1. Overflow Character
• Categorized for Luminous Intensity
   Yellow and Green Categorized for Color
   Use of Like Categories Yields a Uniform Display
• High Light Output
• High Peak Current
• Excellent for Long Digit String Multiplexing Intensity and Color Selection Option
   See Intensity and Color Selected Displays Data Sheet
• Sunlight Viewable AlGaAs




Similar Part No. - HDSP-8600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-8600 HP-HDSP-8600 Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
More results


Similar Description - HDSP-8600

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
20 mm (0.8 inch) General Purpose Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
10 mm (0.40 inch) Seven Segment Displays
HDSP-815E AVAGO-HDSP-815E_12 Datasheet
75Kb / 6P
20 mm (0.8 inch) General Purpose Seven Segment Displays
HDSP-3901-EF000 AVAGO-HDSP-3901-EF000 Datasheet
203Kb / 9P
20 mm (0.8 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com