Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX205QC Datasheet (PDF) - List of Unclassifed Manufacturers

MX205QC Datasheet PDF - List of Unclassifed Manufacturers
Part # MX205QC
Download  MX205QC Download
File Size   246.98 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs

MX205QC Datasheet (PDF)

Go To PDF Page Download Datasheet
MX205QC Datasheet PDF - List of Unclassifed Manufacturers

Part # MX205QC
Download  MX205QC Click to download

File Size   246.98 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Low Cost, 5.0g, Dual Axis Accelerometer with Analog Outputs

MX205QC Datasheet (HTML) - List of Unclassifed Manufacturers


MX205QC Product details

[MEMSIC, Inc. ]

General Description
The MX205Q is a very low cost dual-axis acceleration sensor on a monolithic IC. With no moving parts, the device is extremely reliable and is manufactured on a submicron CMOS process enabling small geometries and small die size, resulting in low overall cost and high functionality. The MX205Q is primarily designed for applications requiring high performance and where overall system cost is a driving factor in component selection. The MX205Q measures acceleration with a full-scale range of up to ± 5.0g and produces an Analog signal output. The X,Y accelerometer outputs are scaled proportionately to the VDD, VDA supply voltage with the scale of 44%.Typical noise floor is 750 µg/√Hz rms, allowing signals below 1 .0 milli-g to be resolved in 1 Hz bandwidth. Frequency response extends to 40 Hz. The frequency response can be extended to 160 Hz with the implementation of a simple external circuit. See Application Note (AN-00MX-003).

Features
• Dual axis acceleration outputs
• Analog outputs, ratiometric
• 1.0 mg Resolution in 1Hz bandwidth
• 40 Hz Bandwidth expandable to 160 Hz See Application Note (AN-00MX-003)
• Quiescent Supply Voltage: 3.5 mA
• 0g output voltage 2.315V (with 5V supply)
• 50,000g shock survival
• 2.70V to 5.25V Single Supply
• On-chip mixed signal processing
• Continuous sensors self test
• Temperature sensor output (Tout) 5mV/°K
• Packaged in 8 pin LCC SMD or 10 pin TO-100 THRU-HOLE
• Hermetically sealed packaging
• Reference voltage (VREF) 2.50V

Applications
• Automotive - Vehicle Security/Active Suspension/ABS/HED Angle Control
• Security - Gas Line/Elevator/Fatigue Sensing
• Office Automation Equipment - Computer Peripherals/Disk Drives/PDA’s/Mouse Smart Pens/Cell Phones/Printer Head Acceleration Sensor
• Gaming - Joystick/RF Interface/Menu Selection
• White Goods - Spin/Vibration Control




Similar Part No. - MX205QC

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
MX2008-BASE JUNIPER-MX2008-BASE Datasheet
908Kb / 10P
MX2000 UNIVERSAL ROUTING PLATFORMS
MX2008-PREMIUM JUNIPER-MX2008-PREMIUM Datasheet
908Kb / 10P
MX2000 UNIVERSAL ROUTING PLATFORMS
MX2010-BASE-AC JUNIPER-MX2010-BASE-AC Datasheet
908Kb / 10P
MX2000 UNIVERSAL ROUTING PLATFORMS
MX2010-BASE-DC JUNIPER-MX2010-BASE-DC Datasheet
908Kb / 10P
MX2000 UNIVERSAL ROUTING PLATFORMS
MX2010-PREMIUM-AC JUNIPER-MX2010-PREMIUM-AC Datasheet
908Kb / 10P
MX2000 UNIVERSAL ROUTING PLATFORMS
More results


Similar Description - MX205QC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MXD202 ETC1-MXD202 Datasheet
239Kb / 8P
Low Cost, 2.0g, Dual Axis Accelerometer with Digital Outputs
MXA2312A ETC1-MXA2312A Datasheet
573Kb / 8P
Low Cost, 2,-2 g Dual Axis Accelerometer with Analog Outputs
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXA6500G ETC1-MXA6500G Datasheet
84Kb / 6P
Low Cost, Low Noise 짹1 g Dual Axis Accelerometer with Absolute Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7210G ETC1-MXR7210G Datasheet
104Kb / 8P
Low Cost, Low Noise 짹10 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
MEMSIC Semiconductor (T...
MXR7150VW MEMSIC-MXR7150VW Datasheet
257Kb / 6P
Low Cost Dual-Axis Accelerometer with Rationmetric Outputs
Rev C
MXR7305VF MEMSIC-MXR7305VF Datasheet
121Kb / 6P
Improved Low Cost 짹5 g Dual-Axis Accelerometer with Ratiometric Analog Outputs
Rev.A
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com