Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STXO Datasheet (PDF) - EUROQUARTZ limited

STXO Datasheet PDF - EUROQUARTZ limited
Part # STXO
Download  STXO Download
File Size   106.07 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Low Jitter/Tight Stability Miniature Oscillator 10MHz ~ 55MHz

STXO Datasheet (PDF)

Go To PDF Page Download Datasheet
STXO Datasheet PDF - EUROQUARTZ limited

Part # STXO
Download  STXO Click to download

File Size   106.07 Kbytes
Page   1 Pages
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited
Description Low Jitter/Tight Stability Miniature Oscillator 10MHz ~ 55MHz

STXO Datasheet (HTML) - EUROQUARTZ limited




Similar Part No. - STXO

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
STX OPLINK-STX Datasheet
367Kb / 9P
SONET/SDH Transmitters & Receivers
logo
Kycon, Inc.
STX-2000-3N KYCON-STX-2000-3N Datasheet
396Kb / 1P
2.5mm Audio Jack
STX-2500-3NTR KYCON-STX-2500-3NTR Datasheet
378Kb / 1P
Surface Mount 2.5mm Audio Jack
STX-25406 KYCON-STX-25406 Datasheet
628Kb / 1P
Surface Mount 2.5mm Audio Jack
STX-25406-4N-TR KYCON-STX-25406-4N-TR Datasheet
628Kb / 1P
Surface Mount 2.5mm Audio Jack
More results


Similar Description - STXO

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASET ABRACON-ASET Datasheet
204Kb / 2P
TIGHT STABILITY INDUSTRIAL GRADE OSCILLATOR
4.20.07
logo
Golledge Electronics Lt...
GXO-3332 GOLLEDGE-GXO-3332 Datasheet
82Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332 Datasheet
83Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-3232 GOLLEDGE-GXO-3232 Datasheet
170Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-3332 GOLLEDGE-GXO-3332_16 Datasheet
171Kb / 2P
1.8 ~ 3.3V Tight Stability Oscillator
GXO-5332 GOLLEDGE-GXO-5332_16 Datasheet
201Kb / 2P
2.5~3.3V Tight Stability Oscillator
GXO-5332J GOLLEDGE-GXO-5332J Datasheet
580Kb / 5P
2.5V Tight Stability Oscillator with Low Jitter
GXO-5332L GOLLEDGE-GXO-5332L Datasheet
579Kb / 5P
3.3V Tight Stability Oscillator with Low Jitter
GXO-5332N GOLLEDGE-GXO-5332N Datasheet
580Kb / 5P
3.0V Tight Stability Oscillator with Low Jitter
GXO-U120L GOLLEDGE-GXO-U120L Datasheet
591Kb / 5P
3.3V Ultra-miniature High Frequency SM Oscillator with Tight Stability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com