Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8P2SMA Datasheet (PDF) - NEC

8P2SMA Datasheet PDF - NEC
Part # 8P2SMA
Download  8P2SMA Download

File Size   238.98 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8A MOLD ISOLATED SCR

8P2SMA Datasheet (PDF)

Go To PDF Page Download Datasheet
8P2SMA Datasheet PDF - NEC

Part # 8P2SMA
Download  8P2SMA Click to download

File Size   238.98 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8A MOLD ISOLATED SCR

8P2SMA Datasheet (HTML) - NEC

8P2SMA Datasheet HTML 1Page - NEC 8P2SMA Datasheet HTML 2Page - NEC 8P2SMA Datasheet HTML 3Page - NEC 8P2SMA Datasheet HTML 4Page - NEC 8P2SMA Datasheet HTML 5Page - NEC 8P2SMA Datasheet HTML 6Page - NEC



Similar Part No. - 8P2SMA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
   8 A RESIN MOLD TYPE SCR
2011
8P2SMA RENESAS-8P2SMA Datasheet
1Mb / 8P
   THYRISTORS
1988
More results


Similar Description - 8P2SMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC08DGM NEC-AC08DGM Datasheet
688Kb / 6P
   8A MOLD TRIAC
logo
Kersemi Electronic Co.,...
TS820-600B KERSEMI-TS820-600B Datasheet
486Kb / 9P
   8A SCR
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
   THYRISTORS 3 A MOLD SCR
2002
logo
SanRex Corporation
DG20AA SANREX-DG20AA Datasheet
93Kb / 2P
   DIODE(ISOLATED MOLD TYPE)
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
   8 A RESIN MOLD TYPE SCR
2011
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
   5 A RESIN MOLD TYPE SCR
1988
logo
NEC
AC16DSMA NEC-AC16DSMA Datasheet
146Kb / 6P
   16A MOLD ISOLATED TRIAC
logo
List of Unclassifed Man...
TG-F ETC-TG-F Datasheet
663Kb / 6P
   ISOLATED TRIAC MOLD TYPE
logo
SanRex Corporation
TG16C SANREX-TG16C Datasheet
465Kb / 2P
   TRIAC (ISOLATED MOLD TYPE)
logo
NEC
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
   300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com