| Electronic Components Datasheet Search |
|
P005-006-YW Datasheet (PDF) - Tripp Lite. All Rights Reserved |
P005-006-YW Datasheet (PDF) |
|
Download Datasheet |
| Part # | P005-006-YW |
| Download | P005-006-YW Click to download |
| File Size | 167.17 Kbytes |
| Page | 3 Pages |
| Manufacturer | TRIPPLITE [Tripp Lite. All Rights Reserved] |
| Direct Link | http://www.tripplite.com/ |
| Logo | |
| Description | Heavy-Duty C13 to C14 PDU-Style Power Extension Cable - 15A, 100??50V, 14 AWG, 6 ft., Yellow Plugs |
P005-006-YW Datasheet (HTML) - Tripp Lite. All Rights Reserved |
Similar Part No. - P005-006-YW |
|
Similar Description - P005-006-YW |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |