Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9994 Datasheet (PDF) - Analog Devices

AD9994 Datasheet PDF - Analog Devices
Part # AD9994
Download  AD9994 Download
File Size   63.49 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit CCD Signal Processor with Precision Timing Generator

AD9994 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9994 Datasheet PDF - Analog Devices

Part # AD9994
Download  AD9994 Click to download

File Size   63.49 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit CCD Signal Processor with Precision Timing Generator

AD9994 Datasheet (HTML) - Analog Devices


AD9994 Product details

GENERAL DESCRIPTION
The AD9994 is a highly integrated CCD signal processor for digital still camera applications. It includes a complete analog front end with A/D conversion, combined with a full-function programmable timing generator. The timing generator is capable of up to 12-phase vertical clocking to support advanced CCDs with 4-field and 5-field readout. A Precision Timing core allows adjustment of high speed clocks with approximately 600 ps resolution at 36 MHz operation.

FEATURES
   10-phase or 12-phase vertical transfer clocking
   Supports 4-field and 5-field CCD readout
   Correlated double sampler (CDS)
   6 dB to 42 dB 10-bit variable gain amplifier (VGA)
   12-bit 36 MHz A/D converter
   Black level clamp with variable level control
   Complete on-chip timing generator
   Precision Timing core with < 600 ps resolution
   On-chip 3 V horizontal and RG drivers
   2-phase and 4-phase H-clock modes
   Electronic and mechanical shutter support
   On-chip driver for external crystal
   On-chip sync generator with external sync input
   64-lead LFCSP package (9 mm × 9 mm, 0.5 mm pitch)

APPLICATION
   Digital still cameras




Similar Part No. - AD9994

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9990 AD-AD9990 Datasheet
74Kb / 2P
Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
AD9991 AD-AD9991 Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9991 AD-AD9991 Datasheet
836Kb / 60P
10-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
AD9991KCP AD-AD9991KCP Datasheet
770Kb / 60P
10-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
More results


Similar Description - AD9994

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9992 AD-AD9992 Datasheet
775Kb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
10/07-Rev. B to Rev. C
AD9995 AD-AD9995 Datasheet
1Mb / 60P
12-Bit CCD Signal Processor with Precision Timing ??Generator
REV.0
AD9971 AD-AD9971 Datasheet
67Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9992 AD-AD9992_07 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9992 AD-AD9992 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
AD9937 AD-AD9937_15 Datasheet
416Kb / 44P
CCD Signal Processor with Precision Timing Generator
REV. 0
AD9929 AD-AD9929_15 Datasheet
564Kb / 64P
CCD Signal Processor with Precision Timing Generator
REV. A
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9992 AD-AD9992_15 Datasheet
1Mb / 92P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. C
AD9995 AD-AD9995_15 Datasheet
2Mb / 60P
12-Bit CCD Signal Processor with Precision Timing Generator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com