Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6542-01 Datasheet (PDF) - OKI electronic componets

MSM6542-01 Datasheet PDF - OKI electronic componets
Part # MSM6542-01
Download  MSM6542-01 Download
File Size   378.89 Kbytes
Page   54 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT

MSM6542-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM6542-01 Datasheet PDF - OKI electronic componets

Part # MSM6542-01
Download  MSM6542-01 Click to download

File Size   378.89 Kbytes
Page   54 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT

MSM6542-01 Datasheet (HTML) - OKI electronic componets


MSM6542-01 Product details

DESCRIPTION
The MSM6542 is a perpetual-calendar-based real time clock with an alarm function which can read and write data in units of seconds. It can be connected to various buses and can function as a peripheral IC of a microcomputer.

FEATURES
• Real time clock providing seconds, minutes, hours, days, months, years, and days of the week.
• Multiple alarm ranges covering seconds, minutes, hours, days, months, and days of the week. A desired alarm range can be selected.
• A periodic interrupt output interval can be selected over a wide range from 1/1024 seconds up to 10 minutes.
• Interface flexibility allows for connection to many types of microprocessors.
• Single read-out procedure (Read flag).
• Single power sense circuitry. (Data protect function).
• Unused registers can be used as RAM.
• 30-second adjustment by software or hardware (software only for the MSM6542-1/-2).
• Stop and restart of clock by software or hardware (software only for the MSM6542-1/-2).
• 1 Hz output for adjustment and check of oscillation frequency (MSM6542-3 only).
• User selection of 12 or 24 hour clock mode.
• Address latch enable (ALE) input pin.
• Advanced CMOS circuitry allows low stand-by voltage and current.
• User standard 32.768 kHz oscillator crystal
• Available in multiple packages
    18-pin plastic DIP (for the MSM6542-1RS/2RS) (DIP18-P-300).
    20-pin plastic SOP (for the MSM6542-1MS-K/2MS-K) (SSOP20-P-250-K).
    24-pin plastic DIP (for the MSM6542-3RS) (DIP24-P-600).
    24-pin plastic SOP (for the MSM6542-3GS-VK) (SOP24-P-430-VK).
• Pin assignment compatibility with the MSM6242BRS (The MSM6542-3MSK provides near compatibility.).




Similar Part No. - MSM6542-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6544 OKI-MSM6544 Datasheet
108Kb / 12P
42-DOT LCD DRIVER
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545-XXGS-2K OKI-MSM6545-XXGS-2K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545-XXGS-K OKI-MSM6545-XXGS-K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545L OKI-MSM6545L Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results


Similar Description - MSM6542-01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81_06 Datasheet
301Kb / 30P
Serial access Real-Time Clock with alarm
12-Jul-2006
logo
Dallas Semiconductor
DS1305 DALLAS-DS1305_05 Datasheet
487Kb / 21P
Serial Alarm Real-Time Clock
DS1306 DALLAS-DS1306_05 Datasheet
553Kb / 21P
Serial Alarm Real-Time Clock
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305 Datasheet
315Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
DS1306 MAXIM-DS1306 Datasheet
324Kb / 22P
Serial Alarm Real-Time Clock
Rev 12/09
logo
STMicroelectronics
M41T80 STMICROELECTRONICS-M41T80_11 Datasheet
440Kb / 27P
Serial access real-time clock with alarm
03-Aug-2011
logo
Maxim Integrated Produc...
DS1305 MAXIM-DS1305_V01 Datasheet
363Kb / 22P
Serial Alarm Real-Time Clock
19-5055; Rev 4 / 15
DS1306 MAXIM-DS1306_V01 Datasheet
377Kb / 22P
Serial Alarm Real-Time Clock
19-5056; Rev 4 / 1 5
logo
Renesas Technology Corp
IDT5P90011C RENESAS-IDT5P90011C Datasheet
1,007Kb / 26P
Serial Alarm Real-Time Clock
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com