Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA1772 Datasheet (PDF) - NEC

UPA1772 Datasheet PDF - NEC
Part # UPA1772
Download  UPA1772 Download
File Size   67.54 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING P-CHANNEL POWER MOSFET

UPA1772 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1772 Datasheet PDF - NEC

Part # UPA1772
Download  UPA1772 Click to download

File Size   67.54 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING P-CHANNEL POWER MOSFET

UPA1772 Datasheet (HTML) - NEC


UPA1772 Product details

DESCRIPTION
The µPA1772 is Dual P-Channel MOS Field Effect Transistor designed for power management applications of portable machines.

FEATURES
• Dual chip type
• Low on-state resistance
    RDS(on)1 = 20.0 mΩ MAX. (VGS = −10 V, ID = −4 A)
    RDS(on)2 = 29.5 mΩ MAX. (VGS = −4.5 V, ID = −4 A)
    RDS(on)3 = 34.0 mΩ MAX. (VGS = −4.0 V, ID = −4 A)
• Low Ciss: Ciss = 1500 pF TYP. (VDS = −10 V, VGS = 0 V)
• Built-in G-S protection diode
• Small and surface mount package (Power SOP8)




Similar Part No. - UPA1772

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1772 RENESAS-UPA1772 Datasheet
294Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2003
UPA1772G RENESAS-UPA1772G Datasheet
294Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2003
More results


Similar Description - UPA1772

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1730TP NEC-UPA1730TP Datasheet
65Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
UPA2711GR NEC-UPA2711GR Datasheet
149Kb / 7P
SWITCHING P-CHANNEL POWER MOSFET
UPA2713GR NEC-UPA2713GR Datasheet
77Kb / 7P
SWITCHING P-CHANNEL POWER MOSFET
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP15P04SLG RENESAS-NP15P04SLG_15 Datasheet
305Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP20P04SLG RENESAS-NP20P04SLG_15 Datasheet
307Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP20P06SLG RENESAS-NP20P06SLG_15 Datasheet
307Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com