Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDD50065SHD Datasheet (PDF) - Solitron Devices Inc.

SDD50065SHD Datasheet PDF - Solitron Devices Inc.
Part # SDD50065SHD
Download  SDD50065SHD Download
File Size   171.28 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description Dual 650V Silicon Carbide Schottky Diode - 1

SDD50065SHD Datasheet (PDF)

Go To PDF Page Download Datasheet
SDD50065SHD Datasheet PDF - Solitron Devices Inc.

Part # SDD50065SHD
Download  SDD50065SHD Click to download

File Size   171.28 Kbytes
Page   3 Pages
Manufacturer  SOLITRON [Solitron Devices Inc.]
Direct Link  https://solitrondevices.com
Logo SOLITRON - Solitron Devices Inc.
Description Dual 650V Silicon Carbide Schottky Diode - 1

SDD50065SHD Datasheet (HTML) - Solitron Devices Inc.




Similar Part No. - SDD50065SHD

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
DC - DC CONVERTER 50W
logo
SamHop Microelectronics...
SDD50N03L SAMHOP-SDD50N03L Datasheet
871Kb / 8P
N-Channel Logic Level E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
SDD50N03L VBSEMI-SDD50N03L Datasheet
960Kb / 8P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - SDD50065SHD

ManufacturerPart #DatasheetDescription
logo
Solitron Devices Inc.
SDD10120AD SOLITRON-SDD10120AD Datasheet
128Kb / 3P
Dual 1200V Silicon Carbide Schottky Diode - 1
logo
Shenzhen Meipusen Semic...
MS2H20065V1 MAPLESMI-MS2H20065V1 Datasheet
242Kb / 4P
650V Silicon Carbide Diode
MSB10065V1 MAPLESMI-MSB10065V1 Datasheet
281Kb / 4P
650V Silicon Carbide Diode
MSD06065V1 MAPLESMI-MSD06065V1 Datasheet
196Kb / 3P
650V Silicon Carbide Diode
MSF10065V1 MAPLESMI-MSF10065V1 Datasheet
374Kb / 5P
650V Silicon Carbide Diode
MSP06065V1 MAPLESMI-MSP06065V1 Datasheet
218Kb / 5P
650V Silicon Carbide Diode
MSP08065G1 MAPLESMI-MSP08065G1 Datasheet
271Kb / 3P
650V Silicon Carbide Diode
MSP08065V1 MAPLESMI-MSP08065V1 Datasheet
268Kb / 5P
650V Silicon Carbide Diode
logo
Rectron Semiconductor
SC3S06540B RECTRON-SC3S06540B Datasheet
255Kb / 5P
650V/40A Silicon Carbide Schottky Diode
SC3S06506F RECTRON-SC3S06506F Datasheet
1Mb / 5P
650V/6A Silicon Carbide Schottky Diode
2021 -04 /110 REV:O
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com