Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321A Datasheet (PDF) - 3PEAK INC.

LMV321A Datasheet PDF - 3PEAK INC.
Part # LMV321A
Download  LMV321A Download
File Size   1531.82 Kbytes
Page   19 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 80μA, 1.0MHz, Micro-Power Rail-to-Rail I/O Op Amps

LMV321A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV321A Datasheet PDF - 3PEAK INC.

Part # LMV321A
Download  LMV321A Click to download

File Size   1531.82 Kbytes
Page   19 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 80μA, 1.0MHz, Micro-Power Rail-to-Rail I/O Op Amps

LMV321A Datasheet (HTML) - 3PEAK INC.


LMV321A Product details

Features
 Upgrade to LMV321/LMV358/LMV324 Family
 Stable 1.0MHz GBWP with Low IQ of Only 80μA
Typical per Amplifier
 0.7V/μs Slew Rate
 Excellent EMIRR performance: 80dB(1GHz)
 Offset Voltage Tolerance: 400μV Max.
 Offset Voltage Temperature Drift: 1uV/°C
 Input Bias Current: 1pA Typical
 High Output Current: 50mA (1.0V Drop)
 CMRR/PSRR: 95dB/90dB
 Beyond the Rails Input Common-Mode Range
 Outputs Swing to within 6mV Max of each Rail
 No Phase Reversal for Overdriven Inputs
 No Crossover Distortion
 Drives 2kΩ Resistive Loads
 Single +2.1V to +6.0V Supply Voltage Range
 –40°C to 125°C Operation Range
 ESD Rating:
Robust 8KV – HBM, 2KV – CDM
 Green, Popular Type Package




Similar Part No. - LMV321A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321A TI1-LMV321A Datasheet
1Mb / 37P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A Datasheet
2Mb / 45P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV321A TI1-LMV321A Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - LMV321A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
logo
Maxim Integrated Produc...
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
logo
Linear Technology
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
logo
3PEAK INC.
LMV321TP 3PEAK-LMV321TP Datasheet
1Mb / 18P
40μA, 1.27MHz, Micro-Power Rail-to-Rail I/O Op Amps
REV A.02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com