Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321B Datasheet (PDF) - 3PEAK INC.

LMV321B Datasheet PDF - 3PEAK INC.
Part # LMV321B
Download  LMV321B Download
File Size   1262.19 Kbytes
Page   16 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 1MHz, 80μA, RRIO, Op Amps

LMV321B Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV321B Datasheet PDF - 3PEAK INC.

Part # LMV321B
Download  LMV321B Click to download

File Size   1262.19 Kbytes
Page   16 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 1MHz, 80μA, RRIO, Op Amps

LMV321B Datasheet (HTML) - 3PEAK INC.


LMV321B Product details

Features
 Supply Voltage: 2.5V to 5.5V
 Low Supply Current: 80μA per channel
 Positive Offset Voltage: +1mV to +4mV
 Offset Voltage Temperature Drift: 2 μV/°C
 High Output Capability: 100mA
 Rail to Rail Input and Output
 Bandwidth: 1 MHz
 Slew Rate: 0.7V/μs
 Excellent EMI Suppress Performance
 Low Noise: 35 nV/√Hz at 1kHz
 –40°C to 125°C Operation Temperature Range




Similar Part No. - LMV321B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMV321BG-13 DIODES-LMV321BG-13 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
LMV321BG-7 DIODES-LMV321BG-7 Datasheet
624Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
Rev 6
More results


Similar Description - LMV321B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9617 MAXIM-MAX9617 Datasheet
1Mb / 10P
High-Efficiency, 1.5MHz Op Amps with RRIO
Rev 1; 9/09
logo
3PEAK INC.
LMV358BP 3PEAK-LMV358BP Datasheet
1,016Kb / 12P
1MHz, 80μA, RRIO, Op Amps
Rev.0
TP321 3PEAK-TP321 Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TP1541A 3PEAK-TP1541A Datasheet
1Mb / 18P
Stable 1.3MHz, Precision, RRIO, Op Amps
TP1561 3PEAK-TP1561 Datasheet
1Mb / 16P
Stable 3.8MHz, 130關A, RRIO, EveryCapTM Op Amps
TP1561AL1 3PEAK-TP1561AL1 Datasheet
1Mb / 17P
6MHz, 600關A, RRIO, Op Amps
TP2411 3PEAK-TP2411 Datasheet
1Mb / 17P
Low Cost, Low Noise CMOS RRIO Op-amps
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
TP5591 3PEAK-TP5591 Datasheet
1Mb / 15P
Low Noise, 1.8V, 3.3MHz, RRIO, Zero Drift Op-amps
TP6001 3PEAK-TP6001 Datasheet
944Kb / 17P
1MHz, 80關A, RRIO, Op Amps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com