| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9117
|
336Kb / 13P |
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02 |
|
MAX961
|
371Kb / 12P |
Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
Rev 4; 3/99 |
|
MAX9025
|
813Kb / 13P |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04 |
|
MAX961
|
325Kb / 14P |
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07 |
|
MAX9117
|
342Kb / 14P |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07 |
|
MAX9025
|
1Mb / 14P |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11 |
|
MAX961
|
330Kb / 16P |
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08 |
|
MAX917
|
597Kb / 15P |
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07 |
|
MAX9117EXK-T
|
342Kb / 14P |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07 |
|
MAX14661
|
1Mb / 27P |
Beyond-the-Rails 16:2 Multiplexer
19-6739; Rev 2; 1/15 |