Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSRI2X50-065 Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

CSRI2X50-065 Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # CSRI2X50-065
Download  CSRI2X50-065 Download
File Size   282.42 Kbytes
Page   3 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SiC SCHOTTKY DIODE TYPE 2횞50A

CSRI2X50-065 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSRI2X50-065 Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # CSRI2X50-065
Download  CSRI2X50-065 Click to download

File Size   282.42 Kbytes
Page   3 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description SiC SCHOTTKY DIODE TYPE 2횞50A

CSRI2X50-065 Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.




Similar Part No. - CSRI2X50-065

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X50-065P1B DACO-CSRI2X50-065P1B Datasheet
379Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×50A
Feb 2023 Rev 1.2
CSRI2X50-065P2B DACO-CSRI2X50-065P2B Datasheet
508Kb / 4P
SiC SCHOTTKY DIODE TYPE 2×50A
May 2023 Rev 1.0
More results


Similar Description - CSRI2X50-065

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
CSRI2X15-120 DACO-CSRI2X15-120 Datasheet
302Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞15A
CSRI2X25-065 DACO-CSRI2X25-065 Datasheet
285Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞25A
CSRI2X50-120 DACO-CSRI2X50-120 Datasheet
282Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞50A
CSRI2X70-120 DACO-CSRI2X70-120 Datasheet
280Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞70A
CSRI2X100-065 DACO-CSRI2X100-065 Datasheet
285Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞100A
DACSB40060CT DACO-DACSB40060CT Datasheet
186Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞200A
DACSB60060CT DACO-DACSB60060CT Datasheet
265Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞300A
DACSB400120CT DACO-DACSB400120CT Datasheet
269Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞200A
DACSB600120CT DACO-DACSB600120CT Datasheet
270Kb / 3P
SiC SCHOTTKY DIODE TYPE 2횞300A
CSRP2X450-120F1B DACO-CSRP2X450-120F1B Datasheet
1Mb / 4P
SiC SCHOTTKY DIODE TYPE 450A
March 2023 Rev 2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com