Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1421 Datasheet (PDF) - Allegro MicroSystems

A1421 Datasheet PDF - Allegro MicroSystems
Part # A1421
Download  A1421 Download
File Size   1675.28 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Accuracy Analog Speed Sensor with Integrated Filter Capacitor

A1421 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1421 Datasheet PDF - Allegro MicroSystems

Part # A1421
Download  A1421 Click to download

File Size   1675.28 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description High Accuracy Analog Speed Sensor with Integrated Filter Capacitor

A1421 Datasheet (HTML) - Allegro MicroSystems


A1421 Product details

Description

The A1421, A1422, and A1423 are AC-coupled Hall-effect sensor ICs which include monolithic integrated circuits that switch in response to changing differential magnetic fields created by rotating ring magnets or, when coupled with a magnet, by ferrous targets. This family of devices also includes an integrated capacitor that provides the high accuracy of analog sensing without an external filter capacitor. This reduces cost and components, while improving the reliability of the final sensor solution.



Features and Benefits

• Integrated tracking capacitor

• Used for sensing motion of ring magnet or ferrous targets

•  Wide operating temperature range

•  Operation with magnetic input signal frequency from 20 Hz to 30 kHz

• EMI/ESD-resistant

•  Large effective air gaps

•  4.0 to 26.5 V supply operating range

•  Output compatible with CMOS logic families

•  Reverse battery protection

•  Resistant to mechanical and thermal stress

•  Accurate true zero crossing switchpoint (A1421 only)

•  High vibration immunity, in running mode (A1423 only)




Similar Part No. - A1421

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1421 ALLEGRO-A1421 Datasheet
1Mb / 16P
High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1421 ALLEGRO-A1421 Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421LK-T ALLEGRO-A1421LK-T Datasheet
1Mb / 16P
High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
A1421LK-T ALLEGRO-A1421LK-T Datasheet
1Mb / 15P
High Precision Hall Effect AC-Coupled Differential Sensor IC
A1421 ALLEGRO-A1421_05 Datasheet
1Mb / 16P
High Precision Hall Effect AC-Coupled Differential Sensor with Integrated Filter Capacitor
More results


Similar Description - A1421

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXH6250A MOTOROLA-MPXH6250A Datasheet
293Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
MPXH6300A MOTOROLA-MPXH6300A Datasheet
303Kb / 8P
HIGH TEMPERATURE ACCURACY INTEGRATED SILICON PRESSURE SENSOR
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
502Kb / 12P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
A1425 ALLEGRO-A1425_05 Datasheet
807Kb / 13P
High Accuracy Analog Speed Sensor with Integrated Filter Capacitor and Dual Zero-Crossing Output Signal
logo
Freescale Semiconductor...
MPXA6400A FREESCALE-MPXA6400A Datasheet
189Kb / 11P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXV6115V FREESCALE-MPXV6115V Datasheet
97Kb / 8P
High Temperature Accuracy Integrated Silicon Pressure Sensor
MPXA6115A FREESCALE-MPXA6115A_12 Datasheet
286Kb / 17P
High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
Allegro MicroSystems
A1425 ALLEGRO-A1425 Datasheet
411Kb / 13P
High Accuracy Analog Speed Sensor IC with Integrated Filter
A1425 ALLEGRO-A1425_16 Datasheet
409Kb / 13P
High Accuracy Analog Speed Sensor IC with Integrated Filter
logo
MultiDimension Technolo...
AMR4020 MULTIDIMENSION-AMR4020 Datasheet
1,004Kb / 9P
High Accuracy Analog Magnetic Scale Sensor
Version 2.0.1
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com