Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7508B Datasheet (PDF) - OKI electronic componets

MSM7508B Datasheet PDF - OKI electronic componets
Part # MSM7508B
Download  MSM7508B Download
File Size   147.79 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7508B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7508B Datasheet PDF - OKI electronic componets

Part # MSM7508B
Download  MSM7508B Click to download

File Size   147.79 Kbytes
Page   17 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail CODEC

MSM7508B Datasheet (HTML) - OKI electronic componets


MSM7508B Product details

GENERAL DESCRIPTION

The MSM7508B and MSM7509B are single-channel CODEC CMOS ICs for voice signals ranging from 300 to 3400 Hz. These devices contain filters for A/D and D/A conversion. Designed especially for a single-power supply and low-power applications, these devices are optimized for telephone terminals in ISDN and digital wireless systems. The MSM7508B/MSM7509B are the transmission-clocks extended versions of the MSM7508/MSM7509. It is recommended to use the MSM7508/MSM7509 for the transmission clocks of 64, 128, 256kHz.



FEATURES

• Single power supply: +5 V ±5%

• Low power consumption

   Operating mode: 17.5 mW Typ. 37 mW Max.

   Power down mode: 1.5 mW Typ. 3 mW Max.

• ITU-T Companding law

   MSM7508B: m-law

   MSM7509B: A-law

• Built-in PLL eliminates a master clock

• Transmission clock: 64/128/256/512/1024/2048 kHz

                            96/192/384/768/1536/1544/200 kHz

• Adjustable transmit gain

• Built-in reference voltage supply

• Package options:

   16-pin plastic DIP (DIP16-P-300-2.54-W1) (Product name : MSM7508BRS)

                                                          (Product name : MSM7509BRS)

   24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM7508BGS-K)

                                                         (Product name : MSM7509BGS-K)

   28-pin plastic QFJ (PLCC) (QFJ28-P-S450-1.27) (Product name : MSM7508BJS)

                                                               (Product name : MSM7509BJS)



 




Similar Part No. - MSM7508B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7503GS-BK OKI-MSM7503GS-BK Datasheet
242Kb / 41P
Multi-Function PCM CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7507-01GS-K OKI-MSM7507-01GS-K Datasheet
139Kb / 18P
Single Rail CODEC
More results


Similar Description - MSM7508B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com