Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7510 Datasheet (PDF) - OKI electronic componets

MSM7510 Datasheet PDF - OKI electronic componets
Part # MSM7510
Download  MSM7510 Download
File Size   114.14 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 300 bps Full Duplex FSK Modem - ITU-T V.21

MSM7510 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7510 Datasheet PDF - OKI electronic componets

Part # MSM7510
Download  MSM7510 Click to download

File Size   114.14 Kbytes
Page   12 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 300 bps Full Duplex FSK Modem - ITU-T V.21

MSM7510 Datasheet (HTML) - OKI electronic componets


MSM7510 Product details

GENERAL DESCRIPTION
The MSM7510 is useful for the ITU-T V.21 modem, for examples, low cost built-in modems, telecontrol systems, home security systems, etc.
The family version, MSM7512B for ITU-T V.23, will be available following this device. Oki has been mass-producing and delivering the MSM6926 and 6927 for a long time, but these devices need two power supplies, +5 V for digital and +12 V for analog.
New generation devices, MSM7510/7512B, work with single rail +3 V to +5 V and low power consumption.

FEATURES
• Conforms to ITU-T V.21, 300 bps Full Duplex
• ITU-T V.25 Answer Tone (2100 Hz) with Generator/Detector
• Single Power Supply : +3 V to +5 V
• Low Power Consumption Operating Mode: 25 mW Typ. Power Down Mode : 0.1 mW Max.
• Line Hybrid Circuit on Chip (direct drive capability of 600W)
• ALB (Analog–Loop back) with test mode.
• 3.579545 MHz Crystal Oscillator
• Digital Interface: TTL
• Package options:
    16-pin plastic DIP (DIP16-P-300-2.45) (Product name: MSM7510RS)
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSM7510GS-K)




Similar Part No. - MSM7510

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7512 OKI-MSM7512 Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
More results


Similar Description - MSM7510

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
300 bps Single Chip FSK MODEM
MSM6927 OKI-MSM6927 Datasheet
222Kb / 31P
1200 bps Single Chip FSK MODEM
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
logo
Texas Instruments
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
FSK MODEM
logo
List of Unclassifed Man...
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
Compact 1200 bps Modem
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
List of Unclassifed Man...
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
FSK MODEM
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_10 Datasheet
635Kb / 1P
ITU-T
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com