Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN8223 Datasheet (PDF) - Synaptics Incorporated.

CN8223 Datasheet PDF - Synaptics Incorporated.
Part # CN8223
Download  CN8223 Download
File Size   1832.48 Kbytes
Page   161 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description ATM Transmitter/Receiver with UTOPIA Interface

CN8223 Datasheet (PDF)

Go To PDF Page Download Datasheet
CN8223 Datasheet PDF - Synaptics Incorporated.

Part # CN8223
Download  CN8223 Click to download

File Size   1832.48 Kbytes
Page   161 Pages
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.
Description ATM Transmitter/Receiver with UTOPIA Interface

CN8223 Datasheet (HTML) - Synaptics Incorporated.


CN8223 Product details

The CN8223 ATM Transmitter/Receiver with UTOPIA Level 1 interface provides a single-access ATM service termination for User-to-Network (UNI) and Network-to-Network Interfacing (NNI) in conformance with ATM Forum UNI and NNI Specification 94/0317; Bellcore Specifications TR-TSV-000772, TR-TSV-000773, TR-NWT-000253, and T1S1/92-185; ITU Recommendations I.432, G.707, G.751, G.832, and Q.921; and ETSI prETS 300 213 and 300 214. Both Customer Premise Equipment (CPE) and switching system interface functions are provided.

Distinguishing Features
• Integrates 7 line framers with ATM
   layer processing according to ATM
   Forum UNI and NNI Specifications
• UTOPIA Level 1 interface
• Internal framers for DS3, E3 (G.751,
   G.832), E4 (G.832), STS-1, STS-3c,
   STM-1
• PLCP and G.804 HEC cell alignment
   for all data rates from 1.544 Mbps to
   155 Mbps
• Direct interface to TAXITM or external
   T1/E1 framers
• ATM and SMDS cell modes
• 4 FIFO ports with header screening,
   formatting, and transmit priority
   controls
• Idle cells generated and screened
• Statistics counts latched on
   one-second intervals
• Error detection and insertion
• Option insertion or generation of all
   line and cell overhead
• Serial or parallel line interface
• Available evaluation module
   reference design and software
• Supports Automatic Protection
   Switching (APS)

Applications
• WAN equipment
• ATM switches
• Test equipment
• ATM routers and hub




Similar Part No. - CN8223

ManufacturerPart #DatasheetDescription
logo
Shanghai Consonance Ele...
CN803 CONSONANCE-CN803 Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
CN803R CONSONANCE-CN803R Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
CN803S CONSONANCE-CN803S Datasheet
144Kb / 7P
Ultra Low Power Microprocessor Reset IC
logo
Continental Device Indi...
CN8050 CDIL-CN8050 Datasheet
233Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CN8050NPN CDIL-CN8050NPN Datasheet
233Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Similar Description - CN8223

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
187Kb / 7P
Receiver and Transmitter Interface
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
V.35 Interface Receiver/Transmitter
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
Receiver and Transmitter Interface
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
CoreU1PHY - UTOPIA Level 1 PHY Interface
logo
Texas Instruments
TNETA1500 TI1-TNETA1500 Datasheet
419Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1585 TI1-TNETA1585 Datasheet
476Kb / 32P
ATM TRAFFIC MANAGEMENT SCHEDULER DEVICE WITH RECEIVE UTOPIA AND COPROCESSOR INTERFACES
logo
M/A-COM Technology Solu...
28236-BRF-001-A MA-COM-28236-BRF-001-A Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
28236-BRF-001-A MA-COM-28236-BRF-001-A_15 Datasheet
515Kb / 4P
OC-3 ATM SAR Controller with UTOPIA Level 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com