Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7570-01 Datasheet (PDF) - OKI electronic componets

MSM7570-01 Datasheet PDF - OKI electronic componets
Part # MSM7570-01
Download  MSM7570-01 Download
File Size   173.5 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function ADPCM CODEC

MSM7570-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7570-01 Datasheet PDF - OKI electronic componets

Part # MSM7570-01
Download  MSM7570-01 Click to download

File Size   173.5 Kbytes
Page   26 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Multi-Function ADPCM CODEC

MSM7570-01 Datasheet (HTML) - OKI electronic componets


MSM7570-01 Product details

GENERAL DESCRIPTION

The MSM7570-01, developed for advanced digital cordless telephone systems, is a single channel ADPCM CODEC IC which performs mutual transcoding between the analog voice band signal and 32 kbps ADPCM serial data. This device includes DTMF Tone and several types of tone generation, transmit/receive data mute and gain control, side-tone path and gain control, and VOX function.

Using advanced ciruit technology, the device operates using a single 5 V power supply and have low power consumption.





FEATURES

• Single 5 V Power Supply Operation VDD: 4.5 V  to ␣ 5.5 V

• ADPCM Algorithm : ITU-T G.726 (32 kbps, 24 kbps, 16 kbps)

• Transmit/Receive Full-Duplex Single Channel Operation

• Transmit/Receive Synchronous Mode Only

• PCM Data Format   : A-law/µ-law Selectable

• Serial PCM/ADPCM Transmission Data Rate :64 kbps to 2048 kbps

• Low Power Consumption

Operating Mode  :  70 mW Typ.  (VDD = 5.0 V)

Power-Down Mode  : 0.5 mW Typ.  (VDD = 5.0 V)

• Two Analog Input Amplifier Stages : Externally Adjustable Gain

• Analog Output Stage :

Push-pull Drive (direct drive of 350 W␣ + 120 nF)

• Master Clock Frequency  : 12.288/19.200 MHz Selectable

• Transmit/Receive Mute, Transmit/Receive Programmable Gain Control

• Side Tone Path with Programmable Attenuation (8-step Level Adjustment)

• Built-in DTMF Tone Generator

• Built-in Various Ringing/Function Tones Generator

• Built-in Various Ring Back Tone Generator

• Serial MCU Interface Control

• Built-in Sounder Driving Amplifier

• Built-in VOX Control

   Transmit side : Voice Signal Detect

   Receive side : Background Noise Generation

• Characteristic Evaluation Board.

• Package:

   32-pin plastic TSOP (TSOPI32-P-814-0.50-1K) (Product name:  MSM7570-01TS-K)




Similar Part No. - MSM7570-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
5V Sinlge-Rail ADPCM CODECs
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-02 OKI-MSM7570L-02 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-XX OKI-MSM7570L-XX Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
More results


Similar Description - MSM7570-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
Multi-Function PCM CODEC
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7575 OKI-MSM7575 Datasheet
261Kb / 26P
Multi-Function PCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
logo
List of Unclassifed Man...
ML7029 ETC2-ML7029 Datasheet
366Kb / 29P
Multifunction ADPCM CODEC
logo
LAPIS Semiconductor Co....
ML7029 LAPIS-ML7029 Datasheet
362Kb / 29P
Multifunction ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
ADPCM Codec
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com