Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NUD3048 Datasheet (PDF) - ON Semiconductor

NUD3048 Datasheet PDF - ON Semiconductor
Part # NUD3048
Download  NUD3048 Download
File Size   48.96 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??

NUD3048 Datasheet (PDF)

Go To PDF Page Download Datasheet
NUD3048 Datasheet PDF - ON Semiconductor

Part # NUD3048
Download  NUD3048 Click to download

File Size   48.96 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description FET Switch 100 V, 800 m ohm, N?묬hannel, TSOP??

NUD3048 Datasheet (HTML) - ON Semiconductor




Similar Part No. - NUD3048

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD3048 ONSEMI-NUD3048 Datasheet
49Kb / 4P
FET Switch 100 V, 800 mohm N-Channel, TSOP-6
January, 2007 ??Rev. 5
NUD3048 ONSEMI-NUD3048 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
NUD3048 ONSEMI-NUD3048 Datasheet
426Kb / 2P
5 V Relay Driver Socket
Rev.0,Aug.2006
NUD3048MT1 ONSEMI-NUD3048MT1 Datasheet
49Kb / 4P
FET Switch 100 V, 800 mohm N-Channel, TSOP-6
January, 2007 ??Rev. 5
NUD3048MT1G ONSEMI-NUD3048MT1G Datasheet
49Kb / 4P
FET Switch 100 V, 800 mohm N-Channel, TSOP-6
January, 2007 ??Rev. 5
More results


Similar Description - NUD3048

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGS3446 ONSEMI-NTGS3446 Datasheet
51Kb / 4P
Power MOSFET 5.1 Amps, 20 Volts N?묬hannel TSOP??
November, 2003 ??Rev. 3
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTGD1100L ONSEMI-NTGD1100L Datasheet
110Kb / 5P
Power MOSFET 8 V, 짰.3 A, Load Switch with Level?뭆hift, P?묬hannel, TSOP??
March, 2007 ??Rev. 6
NUD3048 ONSEMI-NUD3048_07 Datasheet
49Kb / 4P
FET Switch 100 V, 800 mohm N-Channel, TSOP-6
January, 2007 ??Rev. 5
NTGS1135P ONSEMI-NTGS1135P Datasheet
110Kb / 5P
Power MOSFET ?? V, ??.8 A, Single P?묬hannel, TSOP??
October, 2008 ??Rev. 0
NTGS4141N ONSEMI-NTGS4141N Datasheet
68Kb / 5P
Power MOSFET 30 V, 7.0 A, Single N?묬hannel, TSOP??
February, 2006 ??Rev. 1
NTGS5120P ONSEMI-NTGS5120P Datasheet
112Kb / 5P
Power MOSFET ??0 V, ??.9 A, Single P?묬hannel, TSOP??
June, 2008 ??Rev. P0
logo
Renesas Technology Corp
RJK1003DPP-E0 RENESAS-RJK1003DPP-E0 Datasheet
92Kb / 7P
N-Channel MOS FET 100 V, 50 A, 11 m
RJK1001DPP-E0 RENESAS-RJK1001DPP-E0_15 Datasheet
88Kb / 7P
N-Channel MOS FET 100 V, 80 A, 5.5 m?
RJK1003DPN-E0 RENESAS-RJK1003DPN-E0_15 Datasheet
89Kb / 7P
N-Channel MOS FET 100 V, 50 A, 11 m?
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com