Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPB1000 Datasheet (PDF) - Qorvo, Inc

QPB1000 Datasheet PDF - Qorvo, Inc
Part # QPB1000
Download  QPB1000 Download
File Size   2199.85 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.0 ??18.0 GHz 75 Watt Amplifier

QPB1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB1000 Datasheet PDF - Qorvo, Inc

Part # QPB1000
Download  QPB1000 Click to download

File Size   2199.85 Kbytes
Page   12 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2.0 ??18.0 GHz 75 Watt Amplifier

QPB1000 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - QPB1000

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB1005 QORVO-QPB1005 Datasheet
2Mb / 10P
2 ??6 GHz 400 W Amplifier
logo
TriQuint Semiconductor
QPB1006 TRIQUINT-QPB1006 Datasheet
1Mb / 11P
2.0 ??7.5 GHz 150 Watt Amplifier
More results


Similar Description - QPB1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM4000 ETC1-CMM4000 Datasheet
178Kb / 7P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
Mimix Broadband
CMM1100 MIMIX-CMM1100 Datasheet
444Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1631-SM MIMIX-CMM1631-SM Datasheet
222Kb / 3P
16.0-18.0 GHz 1.5-Watt Power Amplifier
CMM1100-BD MIMIX-CMM1100-BD_07 Datasheet
219Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1631-SM_0608 MIMIX-CMM1631-SM_0608 Datasheet
227Kb / 4P
16.0-18.0 GHz 1.5-Watt Power Amplifier
logo
Tyco Electronics
MAAPGM0053-DIE MACOM-MAAPGM0053-DIE Datasheet
339Kb / 5P
Amplifier, Distributed Power, 0.5 W 2.0-18.0 GHz
logo
Mimix Broadband
CMM4000-BD MIMIX-CMM4000-BD_07 Datasheet
193Kb / 7P
2.0-18.0 GHz GaAs MMIC Buffer Amplifier
CMM1110-BD_0705 MIMIX-CMM1110-BD_0705 Datasheet
251Kb / 6P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
CMM1100-BD_0704 MIMIX-CMM1100-BD_0704 Datasheet
212Kb / 5P
2.0-18.0 GHz GaAs MMIC Low Noise Amplifier
logo
HBH Microwave GmbH
HA6012 HBH-HA6012 Datasheet
25Kb / 1P
2.0 - 18.0 GHz Broadband High Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com