Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSM20N65CTB Datasheet (PDF) - PFC Device Inc.

PSM20N65CTB Datasheet PDF - PFC Device Inc.
Part # PSM20N65CTB
Download  PSM20N65CTB Download
File Size   1015.29 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 20A 650V Single N-Channel Power MOSFET

PSM20N65CTB Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM20N65CTB Datasheet PDF - PFC Device Inc.

Part # PSM20N65CTB
Download  PSM20N65CTB Click to download

File Size   1015.29 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 20A 650V Single N-Channel Power MOSFET

PSM20N65CTB Datasheet (HTML) - PFC Device Inc.




Similar Part No. - PSM20N65CTB

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PSM20N65CT PFC-PSM20N65CT Datasheet
1,006Kb / 10P
20A 650V Single N-Channel Power MOSFET
PSM20N65CTF PFC-PSM20N65CTF Datasheet
991Kb / 10P
20A 650V Single N-Channel Power MOSFET
More results


Similar Description - PSM20N65CTB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N65 UTC-20N65 Datasheet
133Kb / 3P
20A, 650V N-CHANNEL POWER MOSFET
logo
PFC Device Inc.
PSM7N65CTF PFC-PSM7N65CTF Datasheet
1Mb / 10P
7.3A 650V Single N-Channel Power MOSFET
PSM11N65CTF PFC-PSM11N65CTF Datasheet
1Mb / 10P
11A 650V Single N-Channel Power MOSFET
PSM20N50CT PFC-PSM20N50CT Datasheet
943Kb / 8P
20A 500V Single N-Channel Power MOSFET
PSM20N60CT PFC-PSM20N60CT Datasheet
955Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60CTB PFC-PSM20N60CTB Datasheet
993Kb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N60PT PFC-PSM20N60PT Datasheet
1Mb / 10P
20A 600V Single N-Channel Power MOSFET
PSM20N65CT PFC-PSM20N65CT Datasheet
1,006Kb / 10P
20A 650V Single N-Channel Power MOSFET
PSM20N65CTF PFC-PSM20N65CTF Datasheet
991Kb / 10P
20A 650V Single N-Channel Power MOSFET
logo
AiT Semiconductor Inc.
AM20N65 AITSEMI-AM20N65 Datasheet
1Mb / 11P
MOSFET 650V, 20A N-CHANNEL
REV1.0 - JUN 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com