Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U103 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-U103 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-U103
Download  HDSP-U103 Download
File Size   375.36 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 8 mm (0.31 inch) Ultra Mini Seven Segment Displays

HDSP-U103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-U103 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-U103
Download  HDSP-U103 Click to download

File Size   375.36 Kbytes
Page   11 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 8 mm (0.31 inch) Ultra Mini Seven Segment Displays

HDSP-U103 Datasheet (HTML) - Agilent(Hewlett-Packard)


HDSP-U103 Product details

Description

The 8 mm (0.31 inch) LED seven segment displays are Agilent’s most space-efficient character size. They are designed for viewing distances up to 3 metres (10 feet). The numeric devices feature a right hand decimal point. All devices are available as either common anode or common cathode.



Features

• Compact Package

• 8 mm (0.31 inch) Character Height

• Choice of Colors

   Wide Range of Colors

• Excellent Appearance

   Evenly Lighted Segments

   Mitered Corners on Segments

   Gray/Black Surface Gives Optimum Contrast

   ± 50° Viewing Angle

• Design Flexibility

   Common Anode or Common Cathode

   Right Hand Decimal Point

• Categorized for Luminous Intensity

   Yellow and Green also Categorized for Color

   Use of Like Categories Yields a Uniform Display

• High Light Output

• High Peak Current

• Excellent for Long Digit String Multiplexing

• Intensity and Color

Selection Option



 




Similar Part No. - HDSP-U103

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U103 AVAGO-HDSP-U103 Datasheet
133Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U103 AVAGO-HDSP-U103 Datasheet
189Kb / 10P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U103 AVAGO-HDSP-U103 Datasheet
359Kb / 9P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results


Similar Description - HDSP-U103

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
10 mm (0.40 inch) Seven Segment Displays
HDSP-U101 AVAGO-HDSP-U101_12 Datasheet
189Kb / 10P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com