Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9548APW Datasheet (PDF) - NXP Semiconductors

PCA9548APW Datasheet PDF - NXP Semiconductors
Part # PCA9548APW
Download  PCA9548APW Download
File Size   141.23 Kbytes
Page   25 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel I2C switch with reset

PCA9548APW Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9548APW Datasheet PDF - NXP Semiconductors

Part # PCA9548APW
Download  PCA9548APW Click to download

File Size   141.23 Kbytes
Page   25 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-channel I2C switch with reset

PCA9548APW Datasheet (HTML) - NXP Semiconductors


PCA9548APW Product details

General description
The PCA9548A is an octal bi-directional translating switch controlled via the I2C-bus. The SCL/SDA upstream pair fans out to eight downstream pairs, or channels. Any individual SCx/SDx channel or combination of channels can be selected, determined by the contents of the programmable control register.

Features
■ 1-of-8 bi-directional translating switches
■ I2C-bus interface logic; compatible with SMBus standards
■ Active LOW reset input
■ 3 address pins allowing up to 8 devices on the I2C-bus
■ Channel selection via I2C-bus, in any combination
■ Power-up with all switch channels deselected
■ Low Ron switches
■ Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses
■ No glitch on power-up
■ Supports hot insertion
■ Low stand-by current
■ Operating power supply voltage range of 2.3 V to 5.5 V
■ 5 V tolerant inputs
■ 0 Hz to 400 kHz clock frequency
■ ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
   JESD22-A115, and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
■ Three packages offered: SO24, TSSOP24, and HVQFN24




Similar Part No. - PCA9548APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9548APW TI-PCA9548APW Datasheet
522Kb / 23P
8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548APW NXP-PCA9548APW Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
PCA9548APW TI-PCA9548APW Datasheet
762Kb / 27P
8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548APW118 NXP-PCA9548APW118 Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
PCA9548APWG4 TI-PCA9548APWG4 Datasheet
762Kb / 27P
8-CHANNEL I2C SWITCH WITH RESET
More results


Similar Description - PCA9548APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
8-channel I2C switch with reset
2004 Sep 30
PCA9546 PHILIPS-PCA9546 Datasheet
139Kb / 17P
4-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Texas Instruments
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
8-CHANNEL I2C SWITCH WITH RESET
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A_16 Datasheet
1Mb / 36P
Low-Voltage 8-Channel I2C Switch with Reset
logo
Nuvoton Technology Corp...
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
8-channel I2C-bus switch with reset
logo
Texas Instruments
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
Automotive 8-Channel I2C Switch with Reset
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com