Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMB20D03H Datasheet (PDF) - Excelliance MOS Corp.

EMB20D03H Datasheet PDF - Excelliance MOS Corp.
Part # EMB20D03H
Download  EMB20D03H Download
File Size   216.18 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB20D03H Datasheet (PDF)

Go To PDF Page Download Datasheet
EMB20D03H Datasheet PDF - Excelliance MOS Corp.

Part # EMB20D03H
Download  EMB20D03H Click to download

File Size   216.18 Kbytes
Page   8 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor

EMB20D03H Datasheet (HTML) - Excelliance MOS Corp.


EMB20D03H Product details

Product Summary:
                                N‐CH      P‐CH
   BVDSS                 30V        ‐30V
   RDSON (MAX.)    6.5mΩ    20mΩ
   ID                         26A         ‐15A

UIS, Rg 100% Tested
Pb‐Free Lead Plating & Halogen Free




Similar Part No. - EMB20D03H

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EMB2010 SCHNEIDER-EMB2010 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 100A
May 21, 2020
EMB2021 SCHNEIDER-EMB2021 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 200A
May 21, 2020
EMB2032 SCHNEIDER-EMB2032 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 300A
May 21, 2020
EMB2043 SCHNEIDER-EMB2043 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 400A
May 21, 2020
EMB2083 SCHNEIDER-EMB2083 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, Basic 800A
May 21, 2020
More results


Similar Description - EMB20D03H

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMA60D03A EXCELLIANCE-EMA60D03A Datasheet
241Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB21C03S EXCELLIANCE-EMB21C03S Datasheet
266Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB22C04A EXCELLIANCE-EMB22C04A Datasheet
236Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB28C03G EXCELLIANCE-EMB28C03G Datasheet
216Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB35C04A EXCELLIANCE-EMB35C04A Datasheet
212Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB50D03G EXCELLIANCE-EMB50D03G Datasheet
252Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMB60C06G EXCELLIANCE-EMB60C06G Datasheet
217Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMBA5C10A EXCELLIANCE-EMBA5C10A Datasheet
215Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30C02G EXCELLIANCE-EMF30C02G Datasheet
268Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMF30C02K EXCELLIANCE-EMF30C02K Datasheet
259Kb / 8P
N & P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com